Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL6265C Datasheet (PDF) - Elantec Semiconductor

EL6265C Datasheet PDF - Elantec Semiconductor
Part # EL6265C
Download  EL6265C Download
File Size   141.1 Kbytes
Page   2 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 13 Channel, 60MHz, Switched Gain Pre-Amp

EL6265C Datasheet (PDF)

Go To PDF Page Download Datasheet
EL6265C Datasheet PDF - Elantec Semiconductor

Part # EL6265C
Download  EL6265C Click to download

File Size   141.1 Kbytes
Page   2 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 13 Channel, 60MHz, Switched Gain Pre-Amp

EL6265C Datasheet (HTML) - Elantec Semiconductor


EL6265C Product details

General Description
The EL6265C consists of 13 fast settling, switch gain, trans-impedance amplifiers with source terminated flex drive capability. The amplifier bandwidth and settling times varies with the selected gain. The fast channel bandwidths are 59MHz, 43MHz, and 34MHz. With a short flex, the bandwidths can be slightly increased.

Features
• Autozero of output offset to <10mV
• 13 channels with three selectable gains of 12kW, 23kW, and 63kW
• Low noise, low group delay variation
• Channel settling times of 26ns, 33ns, and 27ns
• Low offset voltage - DC coupled channels
• Space saving, low thermal resistance, LPP-38 package
• Single 5V supply

Applications
• DVD-RAM, -RW, and -ROM
• CD-RW, -R, and -ROM
• MO drives
• Optical pickup pre-amplifier
• Servo positioning systems
• High speed instrumentation




Similar Part No. - EL6265C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6261C ELANTEC-EL6261C Datasheet
41Kb / 2P
Quad 20MHz Quad, 80MHz, Switched Gain Pre-Amp
EL6261CU ELANTEC-EL6261CU Datasheet
41Kb / 2P
Quad 20MHz Quad, 80MHz, Switched Gain Pre-Amp
EL6262C ELANTEC-EL6262C Datasheet
137Kb / 2P
Quad 20MHz & Quad, 70MHz, Switched Gain Pre-Amp
EL6262CU ELANTEC-EL6262CU Datasheet
137Kb / 2P
Quad 20MHz & Quad, 70MHz, Switched Gain Pre-Amp
EL6263C ELANTEC-EL6263C Datasheet
138Kb / 2P
Quad 20MHz & Quad 70MHz, Switched Gain Pre-Amp
More results


Similar Description - EL6265C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSK30 SAMSUNG-KSK30 Datasheet
121Kb / 4P
N-CHANNEL (LOW NOISE PRE-AMP. USE)
logo
Elantec Semiconductor
EL6262C ELANTEC-EL6262C Datasheet
137Kb / 2P
Quad 20MHz & Quad, 70MHz, Switched Gain Pre-Amp
EL6263C ELANTEC-EL6263C Datasheet
138Kb / 2P
Quad 20MHz & Quad 70MHz, Switched Gain Pre-Amp
EL6261C ELANTEC-EL6261C Datasheet
41Kb / 2P
Quad 20MHz Quad, 80MHz, Switched Gain Pre-Amp
logo
Intersil Corporation
EL2344 INTERSIL-EL2344 Datasheet
253Kb / 12P
Triple Low-Power 60MHz Unity-Gain Stable Op Amp
September 1996
logo
Elantec Semiconductor
EL2224 ELANTEC-EL2224 Datasheet
719Kb / 10P
Dual 60MHz Unity Gain Stable, Operational Amplifier
EL2224D ELANTEC-EL2224D Datasheet
318Kb / 1P
Dual 60MHz Unity Gain Stable, Operational Amplifier
logo
List of Unclassifed Man...
D7312CP ETC1-D7312CP Datasheet
358Kb / 5P
DUAL CHANNEL PRE-AMP. WITH ALC
logo
Texas Instruments
VCA8500 TI-VCA8500 Datasheet
297Kb / 15P
8-Channel, Ultra-Low Power Variable Gain Amplifier with Low-Noise Pre-Amp
VCA8500_0803 TI-VCA8500_0803 Datasheet
992Kb / 40P
8-Channel, Ultralow-Power, Variable Gain Amplifier with Low-Noise Pre-Amp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com