Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL6281C Datasheet (PDF) - Elantec Semiconductor

EL6281C Datasheet PDF - Elantec Semiconductor
Part # EL6281C
Download  EL6281C Download
File Size   140.77 Kbytes
Page   2 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 4-Channel Laser Driver with APC Amp

EL6281C Datasheet (PDF)

Go To PDF Page Download Datasheet
EL6281C Datasheet PDF - Elantec Semiconductor

Part # EL6281C
Download  EL6281C Click to download

File Size   140.77 Kbytes
Page   2 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 4-Channel Laser Driver with APC Amp

EL6281C Datasheet (HTML) - Elantec Semiconductor


EL6281C Product details

General Description

The EL6281C is a combination read + 3 write level laser driver with IV amplifier. A dual amplitude, dual frequency RF oscillator sums on the output for laser noise reduction during read or write. All these functions are provided in 24-lead QSOP and LPP packages.

The ENABLE pin enables the read & write channels. Positive current supplied to the IIN lines, through user selected resistors, allow the full scale range of each amplifier to be matched to the full scale range of the users control DACs. When the WEN pins are switched low, the respective current is summed to the output with 1ns rise and fall times.



Features

• Read + 3 Write Channel laser driver with oscillator & fast I/V amplifier

• Rise time = 0.8 nsec

• Fall time = 0.8 nsec

• 200V/µs I/V amplifier

• 100X gain, 100mA low noise read channel

• 200X gain, 200mA write channel

• Two 100X gain, 100mA write channels

• 500MHz, 100mAP-P Oscillator with dual frequency and amplitude control

• 3.3V compatible logic signals

• Single +5V supply



Applications

• CD-RW to 16X

• CD-R to 32X

• Writable Optical Disk Drives



 




Similar Part No. - EL6281C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6280C ELANTEC-EL6280C Datasheet
136Kb / 2P
Dual Laser Driver with APC Amp
EL6280CL ELANTEC-EL6280CL Datasheet
136Kb / 2P
Dual Laser Driver with APC Amp
EL6280CU ELANTEC-EL6280CU Datasheet
136Kb / 2P
Dual Laser Driver with APC Amp
EL6283C ELANTEC-EL6283C Datasheet
41Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6283CU ELANTEC-EL6283CU Datasheet
41Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
More results


Similar Description - EL6281C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6240C ELANTEC-EL6240C Datasheet
138Kb / 2P
Dual Laser Driver with APC Amp
EL6241C ELANTEC-EL6241C Datasheet
138Kb / 2P
Dual Laser Driver with APC Amp
EL6242C ELANTEC-EL6242C Datasheet
140Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6258C ELANTEC-EL6258C Datasheet
135Kb / 2P
3-Channel Laser Driver Oscillator APC Amplifier
EL6280C ELANTEC-EL6280C Datasheet
136Kb / 2P
Dual Laser Driver with APC Amp
EL6270C ELANTEC-EL6270C Datasheet
37Kb / 2P
Laser Driver with Ocillator and APC
logo
Intersil Corporation
EL6244 INTERSIL-EL6244 Datasheet
46Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
June 17, 2004
EL6245 INTERSIL-EL6245 Datasheet
46Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
June 17, 2004
logo
Renesas Technology Corp
ISL58113 RENESAS-ISL58113 Datasheet
500Kb / 9P
Laser Diode Driver with APC Amplifier for Printers
ISL58115 RENESAS-ISL58115 Datasheet
500Kb / 9P
Laser Diode Driver with APC Amplifier for Printers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com