Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7182C Datasheet (PDF) - Elantec Semiconductor

EL7182C Datasheet PDF - Elantec Semiconductor
Part # EL7182C
Download  EL7182C Download
File Size   183.97 Kbytes
Page   8 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 2-Phase, High Speed CCD Driver

EL7182C Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7182C Datasheet PDF - Elantec Semiconductor

Part # EL7182C
Download  EL7182C Click to download

File Size   183.97 Kbytes
Page   8 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 2-Phase, High Speed CCD Driver

EL7182C Datasheet (HTML) - Elantec Semiconductor


EL7182C Product details

General Description
The EL7182C is extremely well suited for driving CCD’s, especially where high contrast imaging is desirable. The 16V supply rating is attractive for higher voltage CCD applications, as in color fax machines. The input is TTL and 3V compatible. The low quiescent current requirement is advantageous in portable/battery powered systems. The EL7182 is available in 8-pin P-DIP and 8-lead SO packages.

Features
• 3V and 5V Input compatible
• Clocking speeds up to 10 MHz
• Reduced clock skew
• 20 ns Switching/delay time
• 2A Peak drive
• Low quiescent current
• Wide operating voltage—4.5V–16V

Applications
• CCD Drivers requiring high-contrast imaging
• Differential line drivers
• Push-pull circuit




Similar Part No. - EL7182C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7182CN INTERSIL-EL7182CN Datasheet
91Kb / 5P
2-Phase, High Speed CCD Driver
January 1996
EL7182CN INTERSIL-EL7182CN Datasheet
192Kb / 7P
2-Phase, High Speed CCD Driver
June 15, 2006
logo
Renesas Technology Corp
EL7182CN RENESAS-EL7182CN Datasheet
457Kb / 7P
2-Phase, High Speed CCD Driver
logo
Intersil Corporation
EL7182CS INTERSIL-EL7182CS Datasheet
91Kb / 5P
2-Phase, High Speed CCD Driver
January 1996
EL7182CS INTERSIL-EL7182CS Datasheet
192Kb / 7P
2-Phase, High Speed CCD Driver
June 15, 2006
More results


Similar Description - EL7182C

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66700P MITSUBISHI-M66700P Datasheet
71Kb / 4P
DUAL HIGH-SPEED CCD CLOCK DRIVER
M66701P MITSUBISHI-M66701P Datasheet
68Kb / 4P
DUAL HIGH-SPEED CCD CLOCK DRIVER
logo
Elantec Semiconductor
EL7243C ELANTEC-EL7243C Datasheet
221Kb / 12P
Dual Input, High Speed, Dual Channel CCD Driver
logo
Intersil Corporation
EL7182 INTERSIL-EL7182 Datasheet
91Kb / 5P
2-Phase, High Speed CCD Driver
January 1996
EL7243 INTERSIL-EL7243 Datasheet
129Kb / 7P
Dual Input, High Speed, Dual Channel CCD Driver
May 13, 2005
logo
National Semiconductor ...
LM98555 NSC-LM98555 Datasheet
688Kb / 9P
CCD Driver
logo
Intersil Corporation
EL7182 INTERSIL-EL7182_06 Datasheet
192Kb / 7P
2-Phase, High Speed CCD Driver
June 15, 2006
ISL55112 INTERSIL-ISL55112 Datasheet
487Kb / 20P
High-Speed Dual Precision CCD Driver
September 23, 2009
logo
Renesas Technology Corp
EL7182 RENESAS-EL7182 Datasheet
457Kb / 7P
2-Phase, High Speed CCD Driver
EL7243 RENESAS-EL7243 Datasheet
447Kb / 7P
Dual Input, High Speed, Dual Channel CCD Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com