Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7457 Datasheet (PDF) - Elantec Semiconductor

EL7457 Datasheet PDF - Elantec Semiconductor
Part # EL7457
Download  EL7457 Download
File Size   205.04 Kbytes
Page   12 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 40MHz Non-Inverting Quad CMOS Driver

EL7457 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7457 Datasheet PDF - Elantec Semiconductor

Part # EL7457
Download  EL7457 Click to download

File Size   205.04 Kbytes
Page   12 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 40MHz Non-Inverting Quad CMOS Driver

EL7457 Datasheet (HTML) - Elantec Semiconductor


EL7457 Product details

General Description

The EL7457C is an ultra-high speed, non-inverting quad CMOS driver. It is capable of running at clock rates up to 40MHz and features 2A peak drive capability and a nominal on-resistance of just 3Ω. The EL7457C is ideal for driving highly capacitive loads, such as storage and vertical clocks in CCD applications. It is also well suited to ATE pin driving, level-shifting and clock-driving applications.

The EL7457C is capable of running from single or dual power supplies while using ground referenced inputs. Each output can be switched to either the high (VH) or low (VL) supply pins, depending on the related input pin. The inputs are compatible with both 3V and 5V CMOS and TTL logic. The output enable (OE) pin can be used to put the outputs into a high-impedance state. This is especially useful in CCD applications, where the driver should be disabled during power

down.



Features

• Clocking Speeds Up To 40MHz

• 4 Channels

• 12 ns tr/tf at 1000pF Cload

• 1ns Rise and Fall Time Mismatch

• 1.5ns Prop Delay Mismatch

• Low Quiescent Current, <1mA

• Fast Output Enable Function, 12ns

• Wide Output Voltage Range

• 8V >VL >-5V

• -2V • 2A Peak Drive

• 3ΩOn Resistance

• Input Level Shifters

• TTL/CMOS Input Compatible



Applications

• CCD Drivers

• Digital Cameras

• Pin Drivers

• Clock / Line Drivers

• Ultrasound Transducer Drivers

• Ultrasonic and RF Generators

• Level Shifting




Similar Part No. - EL7457

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7457 INTERSIL-EL7457 Datasheet
638Kb / 12P
40MHz Non-Inverting Quad CMOS Driver
January 3, 2005
logo
Renesas Technology Corp
EL7457 RENESAS-EL7457 Datasheet
597Kb / 12P
40MHz Non-Inverting Quad CMOS Driver
logo
Intersil Corporation
EL7457 INTERSIL-EL7457 Datasheet
380Kb / 12P
40MHz Non-Inverting Quad CMOS Driver
January 26, 2012
logo
Renesas Technology Corp
EL7457 RENESAS-EL7457 Datasheet
752Kb / 14P
40MHz Non-Inverting Quad CMOS Driver
Rev.5.00 Jul 17, 2020
logo
Intersil Corporation
EL7457CL INTERSIL-EL7457CL Datasheet
638Kb / 12P
40MHz Non-Inverting Quad CMOS Driver
January 3, 2005
More results


Similar Description - EL7457

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C901 NSC-MM54C901 Datasheet
136Kb / 6P
Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
logo
Fairchild Semiconductor
DM74ALS1034 FAIRCHILD-DM74ALS1034 Datasheet
46Kb / 4P
Hex Non-Inverting Driver
DM74AS1034A FAIRCHILD-DM74AS1034A Datasheet
45Kb / 4P
Hex Non-Inverting Driver
logo
Intersil Corporation
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
Quad Gated Non-Inverting Power Driver
March 1998
EL7457 INTERSIL-EL7457 Datasheet
638Kb / 12P
40MHz Non-Inverting Quad CMOS Driver
January 3, 2005
ISL7457SRH INTERSIL-ISL7457SRH Datasheet
388Kb / 12P
Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
March 16, 2009
ISL7457SRH INTERSIL-ISL7457SRH_11 Datasheet
642Kb / 12P
Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 16, 2011
EL7457CUZ INTERSIL-EL7457CUZ Datasheet
380Kb / 12P
40MHz Non-Inverting Quad CMOS Driver
January 26, 2012
logo
Renesas Technology Corp
EL7457 RENESAS-EL7457 Datasheet
597Kb / 12P
40MHz Non-Inverting Quad CMOS Driver
ISL7457SRH RENESAS-ISL7457SRH Datasheet
567Kb / 16P
Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 6, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com