Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA3252 Datasheet (PDF) - Intersil Corporation

CA3252 Datasheet PDF - Intersil Corporation
Part # CA3252
Download  CA3252 Download
File Size   53.2 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad Gated Non-Inverting Power Driver

CA3252 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3252 Datasheet PDF - Intersil Corporation

Part # CA3252
Download  CA3252 Click to download

File Size   53.2 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad Gated Non-Inverting Power Driver

CA3252 Datasheet (HTML) - Intersil Corporation


CA3252 Product details

Description

The CA3252 is used to interface low-level logic to high current loads. Each Power Driver has four inverting switches consisting of an inverting logic input stage and an inverting low-side driver output stage. All inputs are 5V TTL/CMOS logic compatible and have a common Enable input. On-chip steering diodes are connected from each output (in pairs) to the CLAMP pins (in pairs) which may be used in conjunction with external zener diodes to protect the IC against over-volt age transients that result from inductive load switching. The CA3252 may be used in a variety of automotive and indus trial control applications to drive relays, solenoids, lamps and small motors.



Features

• Four 600mA Non-Inverting Power Output Drivers

• 50V and 1A Maximum Rated Power Output Drivers

• VCE(SUS)Capability . . . . . . . . . . . . . . . . . . . . . . . . . 35V

• Inputs Compatible With TTL or 5V CMOS Logic

• Suitable For Resistive, Lamp or Inductive Loads

• Inductive Clamps on Each Output

• High Dissipation Power-Frame Package

• Operating Temperature Ranges . . . . . . -40oC to 105oC



Applications

• Solenoids

• Relays

• Lamps

• Steppers

• Small Motors

• Displays



System Applications

• Automotive

• Appliances

• Industrial Controls

• Robotics




Similar Part No. - CA3252

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CA3250 ETC-CA3250 Datasheet
113Kb / 3P
GENERAL PURPOSE HIGH CURRENT NPN TRANSISTOR ARRAYS
CA3251 ETC-CA3251 Datasheet
113Kb / 3P
GENERAL PURPOSE HIGH CURRENT NPN TRANSISTOR ARRAYS
logo
Harris Corporation
CA3256 HARRIS-CA3256 Datasheet
389Kb / 11P
25MHz, BiMOS Analog Video Switch and Amplifier
CA3256E HARRIS-CA3256E Datasheet
389Kb / 11P
25MHz, BiMOS Analog Video Switch and Amplifier
CA3256M HARRIS-CA3256M Datasheet
389Kb / 11P
25MHz, BiMOS Analog Video Switch and Amplifier
More results


Similar Description - CA3252

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1708 TI-UC1708 Datasheet
221Kb / 5P
Dual Non-Inverting Power Driver
logo
Elantec Semiconductor
EL7457C ELANTEC-EL7457C Datasheet
205Kb / 12P
40MHz Non-Inverting Quad CMOS Driver
logo
Intersil Corporation
CA3242 INTERSIL-CA3242 Datasheet
12Kb / 1P
Quad-Gated Inverting Power Driver For Interfacing Low-Level Logic to High Current Load
August 1998
CA3262A INTERSIL-CA3262A Datasheet
72Kb / 9P
Quad-Gated, Inverting Power Drivers
August 1997
logo
Texas Instruments
UC1708J883B TI-UC1708J883B Datasheet
486Kb / 13P
Dual Non-Inverting Power Driver
logo
Intersil Corporation
EL7457 INTERSIL-EL7457 Datasheet
638Kb / 12P
40MHz Non-Inverting Quad CMOS Driver
January 3, 2005
logo
Texas Instruments
UC1708 TI-UC1708_08 Datasheet
578Kb / 16P
DUAL NON-INVERTING POWER DRIVER
logo
Intersil Corporation
EL7457CUZ INTERSIL-EL7457CUZ Datasheet
380Kb / 12P
40MHz Non-Inverting Quad CMOS Driver
January 26, 2012
logo
Texas Instruments
UC1708 TI1-UC1708_15 Datasheet
1Mb / 18P
DUAL NON-INVERTING POWER DRIVER
logo
Renesas Technology Corp
EL7457 RENESAS-EL7457 Datasheet
597Kb / 12P
40MHz Non-Inverting Quad CMOS Driver
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com