Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA3256M Datasheet (PDF) - Harris Corporation

CA3256M Datasheet PDF - Harris Corporation
Part # CA3256M
Download  CA3256M Download
File Size   389.96 Kbytes
Page   11 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description 25MHz, BiMOS Analog Video Switch and Amplifier

CA3256M Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3256M Datasheet PDF - Harris Corporation

Part # CA3256M
Download  CA3256M Click to download

File Size   389.96 Kbytes
Page   11 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description 25MHz, BiMOS Analog Video Switch and Amplifier

CA3256M Datasheet (HTML) - Harris Corporation


CA3256M Product details

Description
The CA3256 BiMOS analog video switch has five channels of CMOS multiplex switching for general-purpose videosignal control. One of four CMOS channels may be selected in parallel with channel 5.

Features
• 5 Multiplex Video Channels
    - 1 Independent Channel
    - 4 Channels with Enable
• 4 LED Channel Indicator Outputs
• Wideband Video Amplifier . . . . . . . . 25MHz Unity Gain
• Adjustable Video Amplifier Gain
• High Signal-Drive Capability

Applications
• Video Multiplex Switch
• 75Ω Video Amplifier/Line Driver
• Video Signal-Level Control
• Monitor Switching Control
• TV/CATV Audio/Video Switch
• Video Signal Adder/Fader Control




Similar Part No. - CA3256M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CA3250 ETC-CA3250 Datasheet
113Kb / 3P
GENERAL PURPOSE HIGH CURRENT NPN TRANSISTOR ARRAYS
CA3251 ETC-CA3251 Datasheet
113Kb / 3P
GENERAL PURPOSE HIGH CURRENT NPN TRANSISTOR ARRAYS
logo
Intersil Corporation
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
Quad Gated Non-Inverting Power Driver
March 1998
CA3252E INTERSIL-CA3252E Datasheet
53Kb / 6P
Quad Gated Non-Inverting Power Driver
March 1998
CA3252M INTERSIL-CA3252M Datasheet
53Kb / 6P
Quad Gated Non-Inverting Power Driver
March 1998
More results


Similar Description - CA3256M

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2223 NJRC-NJM2223 Datasheet
245Kb / 6P
VIDEO SWITCH WITH 8dB AMPLIFIER
logo
Maxim Integrated Produc...
MAX9505 MAXIM-MAX9505 Datasheet
407Kb / 16P
DirectDrive Video Amplifier with Reconstruction Filter and Analog Switch
Rev 0; 5/05
logo
National Semiconductor ...
LM1044 NSC-LM1044 Datasheet
177Kb / 10P
Analog Video Switch
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A Datasheet
491Kb / 13P
Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330 Datasheet
221Kb / 8P
Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A_15 Datasheet
342Kb / 15P
Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
STMicroelectronics
AN2472 STMICROELECTRONICS-AN2472 Datasheet
143Kb / 11P
STMAV340 analog video switch
14-Mar-2007
logo
Pericom Semiconductor C...
PI3V713-A PERICOM-PI3V713-A Datasheet
479Kb / 8P
3.3V, 7-Channel Analog Video Switch
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330_14 Datasheet
359Kb / 8P
Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Renesas Technology Corp
TW9966 RENESAS-TW9966 Datasheet
159Kb / 2P
4-Channel Analog Video Decoders and Analog Video Encoder for Automotive Applications
More results




About Harris Corporation


Harris Corporation was a Florida-based technology company that specialized in communications and information technology. The company was founded in 1895 and went through several iterations over the years, including mergers and acquisitions.

In 2019, Harris Corporation merged with L3 Technologies to form L3Harris Technologies, which is now one of the largest defense companies in the world. The company provides a wide range of products and services in the areas of aerospace, defense, communications, and intelligence.

Some of Harris Corporation's previous areas of focus included tactical radios, satellite communications systems, air traffic control systems, and cybersecurity solutions. The company's customers included the U.S. military, government agencies, and commercial organizations around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com