Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELH883B Datasheet (PDF) - Elantec Semiconductor

ELH883B Datasheet PDF - Elantec Semiconductor
Part # ELH883B
Download  ELH883B Download
File Size   326.65 Kbytes
Page   16 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Power Operational Amplifier

ELH883B Datasheet (PDF)

Go To PDF Page Download Datasheet
ELH883B Datasheet PDF - Elantec Semiconductor

Part # ELH883B
Download  ELH883B Click to download

File Size   326.65 Kbytes
Page   16 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Power Operational Amplifier

ELH883B Datasheet (HTML) - Elantec Semiconductor


ELH883B Product details

General Description

The ELH0101 is a wideband power operational amplifier featuring FET inputs, internal compensation, virtually no crossover distortion, and rapid settling time. These features make the ELH0101 an ideal choice for DC or AC servo amplifiers, deflection yoke drivers, programmable power supplies, and disk head positioner amplifiers.



Features

• 5A peak, 2A continuous output current

• 10 V/ms slew rate

• 300 kHz power bandwidth

• 850 mW standby power (±15V supplies)

• 300 pA input bias current

• Virtually no crossover distortion

• 2ms settling time to 0.01%

• 5 MHz gain bandwidth

• MIL-STD-883 devices 100% manufactured in U.S.A.




Similar Part No. - ELH883B

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
ELH883B ELANTEC-ELH883B Datasheet
190Kb / 8P
Current Amplifier
More results


Similar Description - ELH883B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
Power Operational Amplifier
logo
Cirrus Logic
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
POWER OPERATIONAL AMPLIFIER
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
Power Operational Amplifier
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
Power Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com