Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB52RF648DC-B Datasheet (PDF) - Elpida Memory

HB52RF648DC-B Datasheet PDF - Elpida Memory
Part # HB52RF648DC-B
Download  HB52RF648DC-B Download
File Size   160.96 Kbytes
Page   20 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 512 MB Unbuffered SDRAM S.O.DIMM 64-Mword 횞 64-bit, 133/100 MHz Memory Bus, 2-Bank Module (16 pcs of 32 M 횞 8 components) PC133/100 SDRAM

HB52RF648DC-B Datasheet (PDF)

Go To PDF Page Download Datasheet
HB52RF648DC-B Datasheet PDF - Elpida Memory

Part # HB52RF648DC-B
Download  HB52RF648DC-B Click to download

File Size   160.96 Kbytes
Page   20 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 512 MB Unbuffered SDRAM S.O.DIMM 64-Mword 횞 64-bit, 133/100 MHz Memory Bus, 2-Bank Module (16 pcs of 32 M 횞 8 components) PC133/100 SDRAM

HB52RF648DC-B Datasheet (HTML) - Elpida Memory


HB52RF648DC-B Product details

Description
The HB52RF648DC, HB52RD648DC are a 32M × 64 × 2 banks Synchronous Dynamic RAM Small Outline Dual In-line Memory Module (S.O.DIMM), mounted 16 pieces of 256-Mbit SDRAM (HM5225805BTB) sealed in TCP package and 1 piece of serial EEPROM (2-kbit) for Presence Detect (PD). An outline of the products is 144-pin Zig Zag Dual tabs socket type compact and thin package. Therefore, they make high density mounting possible without surface mount technology. They provide common data inputs and outputs. Decoupling capacitors are mounted beside TCP on the module board.

Features
• Fully compatible with: JEDEC standard outline 8-byte S.O.DIMM
• 144-pin Zig Zag Dual tabs socket type (dual lead out)
    - Outline: 67.60 mm (Length) × 31.75 mm (Height) × 3.80 mm (Thickness)
    - Lead pitch: 0.80 mm
• 3.3 V power supply
• Clock frequency: 133/100 MHz (max)
• LVTTL interface
• Data bus width: × 64 Non parity
• Single pulsed RAS
• 4 Banks can operates simultaneously and independently
• Burst read/write operation and burst read/single write operation capability
• Programmable burst length : 1/2/4/8
• 2 variations of burst sequence
    - Sequential
    - Interleave
• Programmable CE latency: 2/3
• Byte control by DQMB
• Refresh cycles: 8192 refresh cycles/64 ms
• 2 variations of refresh
    - Auto refresh
    - Self refresh
• Low self refresh current: HB52RF648DC-xxBL (L-version) : HB52RD648DC-xxBL (L-version)




Similar Part No. - HB52RF648DC-B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52RF649DC ELPIDA-HB52RF649DC Datasheet
464Kb / 16P
512MB Unbuffered SDRAM S.O.DIMM
HB52RF649DC-75B ELPIDA-HB52RF649DC-75B Datasheet
464Kb / 16P
512MB Unbuffered SDRAM S.O.DIMM
HB52RF649DC-75BL ELPIDA-HB52RF649DC-75BL Datasheet
464Kb / 16P
512MB Unbuffered SDRAM S.O.DIMM
HB52RF649DC-B ELPIDA-HB52RF649DC-B Datasheet
464Kb / 16P
512MB Unbuffered SDRAM S.O.DIMM
HB52RF649E1U-75B ELPIDA-HB52RF649E1U-75B Datasheet
157Kb / 20P
512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 133 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC133 SDRAM
More results


Similar Description - HB52RF648DC-B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52E649E12 ELPIDA-HB52E649E12 Datasheet
147Kb / 16P
512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 100 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52F649E1 ELPIDA-HB52F649E1 Datasheet
143Kb / 16P
512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 133 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC133SDRAM
HB52D328DC-B ELPIDA-HB52D328DC-B Datasheet
180Kb / 24P
256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 100 MHz Memory Bus, 2-Bank Module (8 pcs of 16 M 횞 16 components) PC100 SDRAM
HB52F328DC-75B ELPIDA-HB52F328DC-75B Datasheet
176Kb / 22P
256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 133 MHz Memory Bus, 2-Bank Module (8 pcs of 16 M 횞 16 components) PC133 SDRAM
HB52RD328DC-F ELPIDA-HB52RD328DC-F Datasheet
408Kb / 67P
256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 100 MHz Memory Bus, 2-Bank Module (32 pcs of 16 M 횞 4 components) PC100 SDRAM
HB52F168GB-B ELPIDA-HB52F168GB-B Datasheet
135Kb / 19P
128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 133/100 MHz Memory Bus, 1-Bank Module (4 pcs of 16 M 횞 16 components) PC133/100 SDRAM
HB52RD168GB-F ELPIDA-HB52RD168GB-F Datasheet
115Kb / 22P
128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 100 MHz Memory Bus, 1-Bank Module (16 pcs of 16 M 횞 4 components) PC100 SDRAM
HB52D48GB-F ELPIDA-HB52D48GB-F Datasheet
149Kb / 23P
32 MB Unbuffered SDRAM Micro DIMM 4-Mword 횞 64-bit, 100 MHz Memory Bus, 1-Bank Module (4 pcs of 4 M 횞 16 components) PC100 SDRAM
HB52R649E1U-A6B ELPIDA-HB52R649E1U-A6B Datasheet
158Kb / 20P
512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 100 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52RF649E1U-75B ELPIDA-HB52RF649E1U-75B Datasheet
157Kb / 20P
512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 133 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC133 SDRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com