Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAQV414H Datasheet (PDF) - COSMO Electronics Corporation

KAQV414H Datasheet PDF - COSMO  Electronics Corporation
Part # KAQV414H
Download  KAQV414H Download
File Size   489.58 Kbytes
Page   12 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description 6PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT

KAQV414H Datasheet (PDF)

Go To PDF Page Download Datasheet
KAQV414H Datasheet PDF - COSMO  Electronics Corporation

Part # KAQV414H
Download  KAQV414H Click to download

File Size   489.58 Kbytes
Page   12 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description 6PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT

KAQV414H Datasheet (HTML) - COSMO Electronics Corporation


KAQV414H Product details

Description
The KAQV414 series is robust, ideal for telecom and ground fault applications. It is a SPST normally close switch (1 Form B) that replaces electromechanical relays in many applications. It is constructed using a GaAlAs LED for actuation control and an integrated monolithic die for the switch output. The die, fabricated in a high-voltage dielectrically isolated technology, is comprised of a photodiode array, switch control circuitry and MOSFET switches.

Features
1. Normally close, single pole single throw
2. Control 400V AC or DC voltage
3. Switch 130mA loads
4. Controls low-level analog signals
5. High sensitivity, low ON resistance
6. Low-level off-state leakage current
7. High isolation voltage
8. Pb free and RoHS compliant
9. Agency Approvals:
    • UL 508 / CUL C22.2 No.14-M91 , File No. E108430
    • FIMKO EN60950

Application
• Telecommunications (PC, electronic notepad)
• Modem
• Telephone equipment
• Security equipment
• Sensors
• Measuring and testing equipment
• Factory automation equipment
• High speed inspection machines




Similar Part No. - KAQV414H

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQV414H COSMO-KAQV414H Datasheet
208Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
KAQV414HA COSMO-KAQV414HA Datasheet
170Kb / 7P
PRODUCT SPECIFICATION
KAQV414H COSMO-KAQV414H_11 Datasheet
167Kb / 7P
PRODUCT SPECIFICATION
More results


Similar Description - KAQV414H

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQV412 COSMO-KAQV412 Datasheet
511Kb / 12P
6PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV254 COSMO-KAQV254 Datasheet
470Kb / 11P
6PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV214 COSMO-KAQV214 Datasheet
492Kb / 12P
6PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV214 COSMO-KAQV214_15 Datasheet
272Kb / 12P
6PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV254 COSMO-KAQV254_15 Datasheet
246Kb / 11P
6PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV412 COSMO-KAQV412_15 Datasheet
291Kb / 12P
6PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV414 COSMO-KAQV414_15 Datasheet
270Kb / 12P
6PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW414 COSMO-KAQW414_15 Datasheet
247Kb / 12P
8PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW614 COSMO-KAQW614_15 Datasheet
257Kb / 12P
8PIN 400V N.O. N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY414 COSMO-KAQY414_15 Datasheet
254Kb / 12P
4PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com