Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IT238 Datasheet (PDF) - List of Unclassifed Manufacturers

IT238 Datasheet PDF - List of Unclassifed Manufacturers
Part # IT238
Download  IT238 Download
File Size   1254.28 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Ignition current 100 mA - 250mA

IT238 Datasheet (PDF)

Go To PDF Page Download Datasheet
IT238 Datasheet PDF - List of Unclassifed Manufacturers

Part # IT238
Download  IT238 Click to download

File Size   1254.28 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Ignition current 100 mA - 250mA

IT238 Datasheet (HTML) - List of Unclassifed Manufacturers




Similar Part No. - IT238

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
IT237 SCHAFFNER-IT237 Datasheet
126Kb / 4P
Pulse Transformer with Single Secondary Winding
IT239 SCHAFFNER-IT239 Datasheet
126Kb / 4P
Pulse Transformer with Single Secondary Winding
logo
Banner Engineering Corp...
IT23PM600 BANNER-IT23PM600 Datasheet
15Mb / 42P
Fiber Optic Systems
IT23PM900 BANNER-IT23PM900 Datasheet
15Mb / 42P
Fiber Optic Systems
IT23PMXX BANNER-IT23PMXX Datasheet
15Mb / 42P
Fiber Optic Systems
More results


Similar Description - IT238

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6181 NSC-LM6181 Datasheet
1Mb / 23P
100 mA, 100 MHz Current Feedback Amplifier
LM6182 NSC-LM6182 Datasheet
1Mb / 24P
Dual 100 mA Output, 100 MHz Current Feedback Amplifier
logo
Linear Technology
LT1206 LINER-LT1206 Datasheet
386Kb / 16P
250mA/60MHz Current Feedback Amplifier
LT1206 LINER-LT1206_11 Datasheet
364Kb / 18P
250mA/60MHz Current Feedback Amplifier Adjustable Supply Current
logo
Texas Instruments
LM6181IM-8 TI1-LM6181IM-8 Datasheet
2Mb / 40P
LM6181 100 mA, 100 MHz Current Feedback Amplifier
logo
Linear Technology
LT1206CS8TRPBF LINER-LT1206CS8TRPBF Datasheet
368Kb / 18P
250mA/60MHz Current Feedback Amplifier
logo
Texas Instruments
LM6181IMX-8 TI1-LM6181IMX-8 Datasheet
2Mb / 40P
LM6181 100 mA, 100 MHz Current Feedback Amplifier
logo
STMicroelectronics
L79L05ABZ-AP STMICROELECTRONICS-L79L05ABZ-AP Datasheet
717Kb / 27P
Output current up to 100 mA
29-Jul-2009
logo
Linear Technology
LT1206 LINER-LT1206_15 Datasheet
368Kb / 18P
250mA/60MHz Current Feedback Amplifier
logo
VACUUMSCHMELZE GmbH & C...
T60404-M4645-X150 VACUUMSCHMELZE-T60404-M4645-X150 Datasheet
145Kb / 2P
100 ??000 mA DI- Current-Sensor-Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com