Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KP3040 Datasheet (PDF) - COSMO Electronics Corporation

KP3040 Datasheet PDF - COSMO  Electronics Corporation
Part # KP3040
Download  KP3040 Download
File Size   242.63 Kbytes
Page   11 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description 16PIN PHOTOTRANSISTOR PHOTOCOUPLER

KP3040 Datasheet (PDF)

Go To PDF Page Download Datasheet
KP3040 Datasheet PDF - COSMO  Electronics Corporation

Part # KP3040
Download  KP3040 Click to download

File Size   242.63 Kbytes
Page   11 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description 16PIN PHOTOTRANSISTOR PHOTOCOUPLER

KP3040 Datasheet (HTML) - COSMO Electronics Corporation


KP3040 Product details

KP SERIES

• A DIVERSE RANGE OF OPTOCOUPLERS, OFFERING 5,000V RMS ISOLATION
• MINIMUM 60% CURRENT TRANSFER RATIO, 600% FOR DARLINGTON OUTPUT
• PARTS SELECTED ACCORDING TO CURRENT TRANSFER RATIO
• FROM 4 TO 16 PIN SMD PACKAGE WITH 2.54mm PITCH
• KP1000: 1 TO 4 CHANNELS, DC INPUT, OPEN COLLECTOR OUTPUT
• KP2000: 1 CHANNEL, DC INPUT, BASE CONNECTION TO OPEN COLLECTOR OUTPUT
• KP3000: 1 TO 4 CHANNELS, AC INPUT, OPEN COLLECTOR OUTPUT
• KP4000: 1 TO 4 CHANNELS, DC INPUT, OPEN COLLECTOR DARLINGTON OUTPUT
• KP5000: 1 CHANNEL, DC INPUT, BASE CONNECTION TO OPEN COLLECTOR DARLINGTON OUTPUT
• KP6000: 1 CHANNEL, AC INPUT, BASE CONNECTION TO OPEN COLLECTOR OUTPUT
• KP7000: 1 CHANNEL, DC INPUT, AMPLIFIED OUTPUT WITH HYSTERESIS, BUILT IN PULL-UP RESISTOR GIVING TTL AND LS TTL COMPATIBLE OUTPUT
• FUNCTIONALLY EQUIVALENT TO INDUSTRY STANDARD PARTS FROM MOTOROLA, TOSHIBA, GE, SIEMENS, TELEFUNKEN, TEXAS INSTRUMENTS AND NEC




Similar Part No. - KP3040

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KP3040 ETC-KP3040 Datasheet
683Kb / 5P
PHOTOCOUPLER
logo
COSMO Electronics Corp...
KP30400ATL COSMO-KP30400ATL Datasheet
318Kb / 11P
16PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP30400ATR COSMO-KP30400ATR Datasheet
318Kb / 11P
16PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP30400BTL COSMO-KP30400BTL Datasheet
318Kb / 11P
16PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP30400BTR COSMO-KP30400BTR Datasheet
318Kb / 11P
16PIN PHOTOTRANSISTOR PHOTOCOUPLER
More results


Similar Description - KP3040

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
DIP 16pin (4-channel) General Purpose Photocoupler
logo
COSMO Electronics Corp...
KPC845 COSMO-KPC845 Datasheet
283Kb / 11P
16PIN PHOTODARLINGTON PHOTOCOUPLER
KP4040 COSMO-KP4040 Datasheet
283Kb / 11P
16PIN PHOTODARLINGTON PHOTOCOUPLER
logo
Sharp Corporation
PC847X7J000F SHARP-PC847X7J000F Datasheet
230Kb / 13P
DIP 16pin (4-channel) General Purpose Photocoupler
PC844X SHARP-PC844X Datasheet
212Kb / 12P
DIP 16pin (4-channel) AC Input Photocoupler
logo
COSMO Electronics Corp...
KP1040 COSMO-KP1040_15 Datasheet
312Kb / 11P
16PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP3040 COSMO-KP3040_15 Datasheet
318Kb / 11P
16PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP4040 COSMO-KP4040_15 Datasheet
304Kb / 11P
16PIN PHOTODARLINGTON PHOTOCOUPLER
KPC845 COSMO-KPC845_15 Datasheet
311Kb / 11P
16PIN PHOTODARLINGTON PHOTOCOUPLER
logo
List of Unclassifed Man...
DPC-817C ETC-DPC-817C Datasheet
861Kb / 5P
PHOTOTRANSISTOR / PHOTOCOUPLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com