Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC844X Datasheet (PDF) - Sharp Corporation

PC844X Datasheet PDF - Sharp Corporation
Part # PC844X
Download  PC844X Download
File Size   212.29 Kbytes
Page   12 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description DIP 16pin (4-channel) AC Input Photocoupler

PC844X Datasheet (PDF)

Go To PDF Page Download Datasheet
PC844X Datasheet PDF - Sharp Corporation

Part # PC844X
Download  PC844X Click to download

File Size   212.29 Kbytes
Page   12 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description DIP 16pin (4-channel) AC Input Photocoupler

PC844X Datasheet (HTML) - Sharp Corporation


PC844X Product details

■ Description
PC844X Series contains an IRED optically coupled to a phototransistor.
It is packaged in a 4-channel 16pin DIP.
Input-output isolation voltage(rms) is 5.0kV.
Collector-emitter voltage is 80V(*) and CTR is 20% to 300% at input current of ±1mA.

■ Features
1. 16pin DIP 4-channel package
2. Double transfer mold package (ldeal for Flow Soldering)
3. AC input type
4. High collector-emitter voltage (VCEO : 80V(*))
5. Current transfer ratio (CTR : MIN. 20% at IF=±1mA, VCE=5V)
6. High isolation voltage between input and output (Viso(rms) : 5.0kV)

■ Applications
1. Programmable controllers
2. Telephone sets, telephone exchangers
3. System appliances
4. Signal tranmission between circuits of different potentials and impedances




Similar Part No. - PC844X

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC844 SHARP-PC844 Datasheet
74Kb / 5P
AC Input Photocoupler
PC844 SHARP-PC844 Datasheet
335Kb / 12P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC844A SHARP-PC844A Datasheet
74Kb / 5P
AC Input Photocoupler
More results


Similar Description - PC844X

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL814 EVERLIGHT-EL814 Datasheet
369Kb / 13P
4 PIN DIP PHOTOTRANSISTOR AC INPUT PHOTOCOUPLER
logo
Sharp Corporation
PC814X1J000F SHARP-PC814X1J000F Datasheet
272Kb / 14P
DIP 4pin AC Input Photocoupler
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
DIP 16pin (4-channel) General Purpose Photocoupler
PC847X7J000F SHARP-PC847X7J000F Datasheet
230Kb / 13P
DIP 16pin (4-channel) General Purpose Photocoupler
logo
Everlight Electronics C...
H11AA1S1 EVERLIGHT-H11AA1S1 Datasheet
1Mb / 12P
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
logo
Sharp Corporation
PC814XP SHARP-PC814XP Datasheet
235Kb / 14P
DIP 4pin AC Input Photocoupler
logo
COSMO Electronics Corp...
KP3040 COSMO-KP3040_15 Datasheet
318Kb / 11P
16PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP4040 COSMO-KP4040_15 Datasheet
304Kb / 11P
16PIN PHOTODARLINGTON PHOTOCOUPLER
KPC845 COSMO-KPC845_15 Datasheet
311Kb / 11P
16PIN PHOTODARLINGTON PHOTOCOUPLER
logo
Everlight Electronics C...
EL814 EVERLIGHT-EL814_16 Datasheet
995Kb / 13P
4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com