Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC844A Datasheet (PDF) - Sharp Corporation

PC844A Datasheet PDF - Sharp Corporation
Part # PC844A
Download  PC844A Download
File Size   74.36 Kbytes
Page   5 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description AC Input Photocoupler

PC844A Datasheet (PDF)

Go To PDF Page Download Datasheet
PC844A Datasheet PDF - Sharp Corporation

Part # PC844A
Download  PC844A Click to download

File Size   74.36 Kbytes
Page   5 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description AC Input Photocoupler

PC844A Datasheet (HTML) - Sharp Corporation


PC844A Product details

■ Features
1. AC input
2. High isolation voltage between input and output ( V : 5 000Vrms )
3. Compact dual-in-line package
   PC814 (1-channel type)
   PC824 (2-channel type)
   PC844 (4-channel type)
4. Current transfer ratio
   CTR : MIN. 20% at I F = ± 1mA, VCE = 5V
5. Recognized by UL, file No. E64380

■ Applications
1. Programmable controllers
2. Telephone sets, telephone exchangers
3. System appliances
4. Signal transmission between circuits of different potentials and impedances




Similar Part No. - PC844A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC844 SHARP-PC844 Datasheet
335Kb / 12P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC844X SHARP-PC844X Datasheet
212Kb / 12P
DIP 16pin (4-channel) AC Input Photocoupler
More results


Similar Description - PC844A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3H410NIP SHARP-PC3H410NIP Datasheet
74Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC733 SHARP-PC733 Datasheet
66Kb / 4P
AC Input Type Photocoupler
PC733H SHARP-PC733H Datasheet
66Kb / 4P
High Input Current, AC Input Type Photocoupler
PC902 SHARP-PC902 Datasheet
91Kb / 6P
AC Input Type OPIC Photocoupler
logo
Everlight Electronics C...
H11AAX_0809 EVERLIGHT-H11AAX_0809 Datasheet
411Kb / 12P
AC INPUT PHOTOCOUPLER
logo
Sharp Corporation
PC814X1J000F SHARP-PC814X1J000F Datasheet
272Kb / 14P
DIP 4pin AC Input Photocoupler
logo
Everlight Electronics C...
H11AA1S1 EVERLIGHT-H11AA1S1 Datasheet
1Mb / 12P
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
logo
Sharp Corporation
PC814XP SHARP-PC814XP Datasheet
235Kb / 14P
DIP 4pin AC Input Photocoupler
logo
Everlight Electronics C...
EL814 EVERLIGHT-EL814_16 Datasheet
995Kb / 13P
4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
EL3H4-G EVERLIGHT-EL3H4-G_16 Datasheet
861Kb / 11P
4 PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
Aug 31, 2016
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com