Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KP4040E Datasheet (PDF) - COSMO Electronics Corporation

KP4040E Datasheet PDF - COSMO  Electronics Corporation
Part # KP4040E
Download  KP4040E Download
File Size   283.08 Kbytes
Page   11 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description 16PIN PHOTODARLINGTON PHOTOCOUPLER

KP4040E Datasheet (PDF)

Go To PDF Page Download Datasheet
KP4040E Datasheet PDF - COSMO  Electronics Corporation

Part # KP4040E
Download  KP4040E Click to download

File Size   283.08 Kbytes
Page   11 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description 16PIN PHOTODARLINGTON PHOTOCOUPLER

KP4040E Datasheet (HTML) - COSMO Electronics Corporation


KP4040E Product details

KP SERIES

• A DIVERSE RANGE OF OPTOCOUPLERS, OFFERING 5,000V RMS ISOLATION
• MINIMUM 60% CURRENT TRANSFER RATIO, 600% FOR DARLINGTON OUTPUT
• PARTS SELECTED ACCORDING TO CURRENT TRANSFER RATIO
• FROM 4 TO 16 PIN SMD PACKAGE WITH 2.54mm PITCH
• KP1000: 1 TO 4 CHANNELS, DC INPUT, OPEN COLLECTOR OUTPUT
• KP2000: 1 CHANNEL, DC INPUT, BASE CONNECTION TO OPEN COLLECTOR OUTPUT
• KP3000: 1 TO 4 CHANNELS, AC INPUT, OPEN COLLECTOR OUTPUT
• KP4000: 1 TO 4 CHANNELS, DC INPUT, OPEN COLLECTOR DARLINGTON OUTPUT
• KP5000: 1 CHANNEL, DC INPUT, BASE CONNECTION TO OPEN COLLECTOR DARLINGTON OUTPUT
• KP6000: 1 CHANNEL, AC INPUT, BASE CONNECTION TO OPEN COLLECTOR OUTPUT
• KP7000: 1 CHANNEL, DC INPUT, AMPLIFIED OUTPUT WITH HYSTERESIS, BUILT IN PULL-UP RESISTOR GIVING TTL AND LS TTL COMPATIBLE OUTPUT
• FUNCTIONALLY EQUIVALENT TO INDUSTRY STANDARD PARTS FROM MOTOROLA, TOSHIBA, GE, SIEMENS, TELEFUNKEN, TEXAS INSTRUMENTS AND NEC




Similar Part No. - KP4040E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KP4040 ETC-KP4040 Datasheet
639Kb / 5P
HIGH RELIABILITY PHOTOCOUPLER
logo
COSMO Electronics Corp...
KP40400ETL COSMO-KP40400ETL Datasheet
304Kb / 11P
16PIN PHOTODARLINGTON PHOTOCOUPLER
KP40400ETR COSMO-KP40400ETR Datasheet
304Kb / 11P
16PIN PHOTODARLINGTON PHOTOCOUPLER
KP4040HETL COSMO-KP4040HETL Datasheet
304Kb / 11P
16PIN PHOTODARLINGTON PHOTOCOUPLER
KP4040HETR COSMO-KP4040HETR Datasheet
304Kb / 11P
16PIN PHOTODARLINGTON PHOTOCOUPLER
More results


Similar Description - KP4040E

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC845 COSMO-KPC845 Datasheet
283Kb / 11P
16PIN PHOTODARLINGTON PHOTOCOUPLER
KP3040 COSMO-KP3040 Datasheet
242Kb / 11P
16PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP1040 COSMO-KP1040_15 Datasheet
312Kb / 11P
16PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP3040 COSMO-KP3040_15 Datasheet
318Kb / 11P
16PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP4020 COSMO-KP4020_15 Datasheet
280Kb / 11P
8PIN PHOTODARLINGTON PHOTOCOUPLER
KP4040 COSMO-KP4040_15 Datasheet
304Kb / 11P
16PIN PHOTODARLINGTON PHOTOCOUPLER
KP5010 COSMO-KP5010_15 Datasheet
286Kb / 11P
6PIN PHOTODARLINGTON PHOTOCOUPLER
KP6010 COSMO-KP6010_15 Datasheet
292Kb / 11P
6PIN PHOTODARLINGTON PHOTOCOUPLER
KPC815 COSMO-KPC815_15 Datasheet
287Kb / 11P
4PIN PHOTODARLINGTON PHOTOCOUPLER
KPC845 COSMO-KPC845_15 Datasheet
311Kb / 11P
16PIN PHOTODARLINGTON PHOTOCOUPLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com