Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73C63 Datasheet (PDF) - ELAN Microelectronics Corp

EM73C63 Datasheet PDF - ELAN Microelectronics Corp
Part # EM73C63
Download  EM73C63 Download
File Size   220.97 Kbytes
Page   40 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT

EM73C63 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM73C63 Datasheet PDF - ELAN Microelectronics Corp

Part # EM73C63
Download  EM73C63 Click to download

File Size   220.97 Kbytes
Page   40 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT

EM73C63 Datasheet (HTML) - ELAN Microelectronics Corp


EM73C63 Product details

GENERAL DESCRIPTION
EM73C63 is an advanced single chip CMOS 4-bit micro-controller. It contains 32K-byte ROM, 500-nibble RAM, 4-bit ALU, 13-level subroutine nesting, 22-stage time base, two 12-bit timer/counters for the kernel function. EM73C63 is also equipped with 5 interrupt sources, 3 I/O ports (including 1 input port and 2 bidirection ports), LCD display (40x16), built-in sound generator.
Its low power consumption and high speed feature are further strengten with DUAL, SLOW, IDLE and STOP operation mode for optimized power saving.

FEATURES
• Operation voltage : 2.4V to 5.5V.
• Clock source : Dual clock system. Low-frequency oscillator is Crystal or RC oscillator (32KHz, connect a external resistor) by mask option and high-frequency oscillator is RC oscillator (connect a external resistor and a capacitor).
External clock and internal clock is available by mask option.
• Oscillation frequency : 480K, 1M, 2M and 4M Hz are both available for high frequency clock by mask option.
• Instruction set : 107 powerful instructions.
• Instruction cycle time : Up to 2 µs for 4 MHz (high speed clock).
    244 µs for 32768 Hz (low speed clock).
• ROMcapacity : 32768 X 8 bits.
• RAMcapacity : 500 X 4 bits.
• Input port : 1 port (P0.0-P0.3), IDEL/STOP releasing function is available by mask option.(each input pin has a pull-up and pull-down resistor available by mask option).
• Bidirection port : 2 ports (P4, P8). P4.0 and SOUND are available by mask option. IDEL/STOP releasing function for P8(0..3) is available by mask option.
• 12-bit timer/counter : Two 12-bit timer/counters are programmable for timer, event counter and pulse width measurement mode.
• Built-in time base counter : 22 stages.
• Subroutinenesting : Up to 13 levels.
• Interrupt : External . .. . . . 2 input interrupt sources.
    Internal . . . . . . 2 Timer overflow interrupts.
                             1 Time base interrupt.
• LCD driver : 40 X 16 dots, 1/16 duty, 1/5 bias with voltage multiplier.
• Sound effect : Tone generator, random generator and volume control.
• Power saving function: SLOW, IDLE, STOP operation modes.
• Package type : Chip form 84 pins, PLCC 84 pins.




Similar Part No. - EM73C63

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73201 EMC-EM73201 Datasheet
204Kb / 30P
4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
EM73201AP EMC-EM73201AP Datasheet
204Kb / 30P
4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
EM73201BK EMC-EM73201BK Datasheet
204Kb / 30P
4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
EM73201CP EMC-EM73201CP Datasheet
204Kb / 30P
4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
logo
Emerging Memory & Logic...
EM7320FP16AS-10L EMLSI-EM7320FP16AS-10L Datasheet
188Kb / 11P
128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Similar Description - EM73C63

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73361A EMC-EM73361A Datasheet
290Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73461A EMC-EM73461A Datasheet
190Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73469A EMC-EM73469A Datasheet
188Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73866 EMC-EM73866 Datasheet
254Kb / 39P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73880 EMC-EM73880 Datasheet
222Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73963A EMC-EM73963A Datasheet
420Kb / 38P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73A83 EMC-EM73A83 Datasheet
216Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73A89B EMC-EM73A89B Datasheet
394Kb / 58P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73PA88A EMC-EM73PA88A Datasheet
410Kb / 45P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73MA89B EMC-EM73MA89B Datasheet
331Kb / 64P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com