Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73A83 Datasheet (PDF) - ELAN Microelectronics Corp

EM73A83 Datasheet PDF - ELAN Microelectronics Corp
Part # EM73A83
Download  EM73A83 Download
File Size   216.62 Kbytes
Page   40 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT

EM73A83 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM73A83 Datasheet PDF - ELAN Microelectronics Corp

Part # EM73A83
Download  EM73A83 Click to download

File Size   216.62 Kbytes
Page   40 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT

EM73A83 Datasheet (HTML) - ELAN Microelectronics Corp


EM73A83 Product details

GENERAL DESCRIPTION
EM73A83 is an advanced single chip CMOS 4-bit micro-controller. It contains 16K-byte ROM, 500-nibble RAM, 4-bit ALU, 13-level subroutine nesting, 22-stage time base, two 12-bit timer/counters for the kernel function. EM73A83 also equipped with 6 interrupt sources, 3 I/O ports (including 1 input port and 2 bidirection ports), LCD display (40x16), built-in sound generator and speech synthesizer.
Its low power consumption and high speed feature are further strengten with DUAL, SLOW, IDLE and STOP operation mode for optimized power saving.

FEATURES
• Operation voltage : 2.2V to 4.8V.
• Clock source : Dual clock system. Low-frequency oscillator is 32 KHz Crystal oscillator or RC oscillator by mask option and high-frequency oscillator is a built-in internal oscillator (4.6 MHz).
• Instruction set : 107 powerful instructions.
• Instruction cycle time : 1.7µs for 4.6M Hz (high speed clock).
                                       244µs for 32768 Hz (low speed clock).
• ROM capacity : 16K x 8 bits.
• RAM capacity : 500 x 4 bits.
• Input port : 1 port (P0.0-P0.3), IDLE/STOP releasing function is available by mask option. (each input pin has a pull-up and pull-down resistor available by mask option).
• Bidrection port : 2 ports (P4, P8). IDLE/STOP release function for P8(0..3) is available by mask option.
• Built-in watch-dog-timer counter : It is available by mask option.
• 12-bit timer/counter : Two 12-bit timer/counters are programmable for timer, event counter and pulse width measurement mode.
• Built-in time base counter : 22 stages.
• Subroutine nesting : Up to 13 levels.
• Interrupt : External interrupt . . . . . . 2 input interrupt sources.
                   Internal interrupt . . . . . . 2 timer overflow interrupts, 1 time base interrupt.
                                                          1 speech interrupt.
• LCD driver : 40x16 dots, 1/16 duty, 1/5 bias with voltage multiplier.
• Sound effect : Tone generator and random generator.
• Speech synthesizer : 160K speech data ROM (use as 160K nibbles data ROM).
• Power saving function : SLOW, IDLE, STOP operation modes.
• Package type : Chip form 85 pins.




Similar Part No. - EM73A83

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73A88A EMC-EM73A88A Datasheet
394Kb / 43P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73A89B EMC-EM73A89B Datasheet
394Kb / 58P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
More results


Similar Description - EM73A83

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73361A EMC-EM73361A Datasheet
290Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73461A EMC-EM73461A Datasheet
190Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73469A EMC-EM73469A Datasheet
188Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73866 EMC-EM73866 Datasheet
254Kb / 39P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73880 EMC-EM73880 Datasheet
222Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73963A EMC-EM73963A Datasheet
420Kb / 38P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73A89B EMC-EM73A89B Datasheet
394Kb / 58P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73C63 EMC-EM73C63 Datasheet
220Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73PA88A EMC-EM73PA88A Datasheet
410Kb / 45P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73MA89B EMC-EM73MA89B Datasheet
331Kb / 64P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com