Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM73A88A Datasheet (PDF) - ELAN Microelectronics Corp

EM73A88A Datasheet PDF - ELAN Microelectronics Corp
Part # EM73A88A
Download  EM73A88A Download
File Size   394.13 Kbytes
Page   43 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT

EM73A88A Datasheet (PDF)

Go To PDF Page Download Datasheet
EM73A88A Datasheet PDF - ELAN Microelectronics Corp

Part # EM73A88A
Download  EM73A88A Click to download

File Size   394.13 Kbytes
Page   43 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT

EM73A88A Datasheet (HTML) - ELAN Microelectronics Corp


EM73A88A Product details

GENERAL DESCRIPTION
EM73A88A is an advanced single chip CMOS 4-bit micro-controller. It contains 16K-byte ROM, 500-nibble RAM, 4-bit ALU, 13-level subroutine nesting, 22-stage time base, two 12-bit timer/counters for the kernel function. EM73A88A also equipped with 6 interrupt sources, 3 I/O ports (including 1 input port and 2 bidirection ports), LCD display (64x16), built-in sound generator and speech synthesizer can direct drive speaker. Its low power consumption and high speed feature are further strengten with DUAL, SLOW, IDLE and STOP operation mode for optimized power saving.

FEATURES
• Operation voltage : 2.2V to 4.8V.
• Clock source : Dual clock system. Low-frequency oscillator is 32 KHz Crystal or RC oscillator and high-frequency oscillator is a built-in internal oscillator (4.6 MHz).
• Instruction set : 107 powerful instructions.
• Instruction cycle time : 1.7µs for 4.6M Hz (high speed clock).
                                       244µs for 32768 Hz (low speed clock).
• ROM capacity : 16K x 8 bits.
• RAM capacity : 500 x 4 bits.
• Input port : 1 port (P0.0-P0.3), IDLE/STOP releasing function is available by mask option. (each input pin has a pull-up and pull-down resistor available by mask option).
• Bidrection port : 2 ports (P4, P8). IDLE/STOP release function for P8(0..3) is available by mask option.
• Built-in watch-dog-timer counter : It is available by mask option.
• 12-bit timer/counter : Two 12-bit timer/counters are programmable for timer, event counter and pulse width measurement mode.
• Built-in time base counter : 22 stages.
• Subroutine nesting : Up to 13 levels.
• Interrupt : External interrupt . . . . . . 2 input interrupt sources.
                   Internal interrupt . . . . . . 2 timer overflow interrupts, 1 time base interrupt.
                                                          1 speech interrupt.
• LCD driver : 64x16 dots, 1/16 duty, 1/5 bias with voltage multiplier.
• Sound effect : Tone generator and random generator.
• Speech synthesizer : 448K speech data ROM (use as 448K nibbles data ROM).
• PWM or current D/A : Output selection by mask option.
• Power saving function : SLOW, IDLE, STOP operation modes.
• Package type : Chip form 109 pins.




Similar Part No. - EM73A88A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73A83 EMC-EM73A83 Datasheet
216Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73A89B EMC-EM73A89B Datasheet
394Kb / 58P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
More results


Similar Description - EM73A88A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73361A EMC-EM73361A Datasheet
290Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73461A EMC-EM73461A Datasheet
190Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73469A EMC-EM73469A Datasheet
188Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73866 EMC-EM73866 Datasheet
254Kb / 39P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73880 EMC-EM73880 Datasheet
222Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73963A EMC-EM73963A Datasheet
420Kb / 38P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73A83 EMC-EM73A83 Datasheet
216Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73C63 EMC-EM73C63 Datasheet
220Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73PA88A EMC-EM73PA88A Datasheet
410Kb / 45P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73MA89B EMC-EM73MA89B Datasheet
331Kb / 64P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com