Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78811 Datasheet (PDF) - ELAN Microelectronics Corp

EM78811 Datasheet PDF - ELAN Microelectronics Corp
Part # EM78811
Download  EM78811 Download
File Size   162.36 Kbytes
Page   33 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 8-BIT MICRO-CONTROLLER FOR TELECOM PRODUCT

EM78811 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM78811 Datasheet PDF - ELAN Microelectronics Corp

Part # EM78811
Download  EM78811 Click to download

File Size   162.36 Kbytes
Page   33 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 8-BIT MICRO-CONTROLLER FOR TELECOM PRODUCT

EM78811 Datasheet (HTML) - ELAN Microelectronics Corp


EM78811 Product details

GENERAL DESCRIPTION
The EM78811 is an 8-bit CID (Call Identification) RISC type microprocessor with low power , high speed CMOS technology. Integrated onto a single chip are on_chip watchdog (WDT) , RAM , ROM , programmable real time clock /counter , internal interrupt , power down mode , LCD driver , FSK decoder , DTMF generator and tri-state I/O . The EM78811 provides a single chip solution to design a CID of calling message_display .

FEATURES
CPU
• Operating voltage range : 2.5V~5.5V
• 16K X13 on chip ROM
• 2.8K X 8 on chip RAM
• Up to 32 bi-directional tri-state I/O ports
• 8 level stack for subroutine nesting
• 8-bit real time clock/counter (TCC)
• Two sets of 8 bit counters can be interrupt sources
• Selective signal sources and trigger edges , and with overflow interrupt
• Programmable free running on chip watchdog timer
• 99.9% single instruction cycle commands
• Three modes (internal clock 3.679MHz)
   1. sleep mode : CPU and 3.679MHz clock turn off, 32.768KHz clock turn off
   2. Idle mode : CPU and 3.679 MHz clock turn off, 32.768KHz clock turn on
   3. Green mode : 3.679MHz clock turn off, CPU and 32.768KHz clock turn on
   4. Normal mode : 3.679MHz clock turn on , CPU and 32.768KHz clock turn on
• Ring on voltage detector and low battery detector
• Input port wake up function
• 8 interrupt source , 4 external , 4 internal
• 100 QFP or chip
• Port key scan function
• Port interrupt, Pull high and Open drain functions
• Clock frequency 32.768KHz
• Main clock can switch to 1.84MHz by code option

CID
• Operation Volltage 3.5 ~5.5V for FSK
• Operation Volltage 2.5 ~5.5V for DTMF
• Bell 202 , V.23 FSK demodulator
• DTMF generator
• Ring detector on chip

LCD
• LCD operation voltage chosen by software
• Common driver pins : 16
• Segment driver pins : 60
• 1/4 bias
• 1/8,1/16 duty

APPLICATION
1. adjunct units
2. answering machines
3. feature phones




Similar Part No. - EM78811

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78815 EMC-EM78815 Datasheet
690Kb / 82P
8 Bit Microcontroller
EM78815AQ EMC-EM78815AQ Datasheet
690Kb / 82P
8 Bit Microcontroller
EM78815BQ EMC-EM78815BQ Datasheet
690Kb / 82P
8 Bit Microcontroller
EM78815H EMC-EM78815H Datasheet
690Kb / 82P
8 Bit Microcontroller
More results


Similar Description - EM78811

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73361A EMC-EM73361A Datasheet
290Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73461A EMC-EM73461A Datasheet
190Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73469A EMC-EM73469A Datasheet
188Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73866 EMC-EM73866 Datasheet
254Kb / 39P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73880 EMC-EM73880 Datasheet
222Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73963A EMC-EM73963A Datasheet
420Kb / 38P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73A83 EMC-EM73A83 Datasheet
216Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73A89B EMC-EM73A89B Datasheet
394Kb / 58P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73P968 EMC-EM73P968 Datasheet
580Kb / 53P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73MA89B EMC-EM73MA89B Datasheet
331Kb / 64P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com