Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78910 Datasheet (PDF) - ELAN Microelectronics Corp

EM78910 Datasheet PDF - ELAN Microelectronics Corp
Part # EM78910
Download  EM78910 Download
File Size   298.49 Kbytes
Page   30 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 8-BIT MICRO-CONTROLLER

EM78910 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM78910 Datasheet PDF - ELAN Microelectronics Corp

Part # EM78910
Download  EM78910 Click to download

File Size   298.49 Kbytes
Page   30 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 8-BIT MICRO-CONTROLLER

EM78910 Datasheet (HTML) - ELAN Microelectronics Corp


EM78910 Product details

General Description
The EM78910/910A is an 8-bit CID (Call Identification) RISC type microprocessor with low power, high speed CMOS technology. This integrated single chip has on_chip watchdog (WDT), RAM, ROM, programmable real time clock/counter, internal interrupt, power down mode, FSK decoder, Call waiting decoder, SDT (Stuttered dial tone) decoder, DTMF generator, MEI (Multiple Extension Internetworking) function, RTF (Request To Flash) function and tri-state I/O. The EM78910/910A provides a single chip solution to design a CID of calling message_display.

Feature
CPU
• Operating voltage range : 2.5V〜5.5V
• 16K × 13 Read Only Memory
• 1.1K× 8 on chip RAM
• Up to 28 bi-directional tri-state I/O ports
• 8 level stack for subroutine nesting
• 8-bit real time clock/counter (TCC)
• Two sets of 8 bit counters can be interrupt sources
• Selective signal sources and trigger edges , and with overflow interrupt
• Programmable free running on chip watchdog timer
• 99.9% single instruction cycle commands
• Four modes (Main clock 3.579MHz or 1.79MHz)
• Ring on voltage detector
• Universal Low battery detector
• Input port wake up function
• 9 interrupt source , 4 external , 5 internal
• Port key scan function
• Clock frequency 32.768KHz
• Eight R-option pins

CID
• Bell 202 , V.23 FSK demodulator
• DTMF generator
• Ring detector on chip

CALL WAITING
• Compatible with Bellcore special report SR-TSV-002476
• Call-Waiting (2130Hz plus 2750Hz) alert signal detection
• Good talkdown and talkoff performance
• Sensitivity compensated by adjusting input OP gain

SDT
• Stuttered Dial Tone (350Hz plus 440Hz) signal detection

MEI/RTF
• Compatible with TIA/EIA-777(TIA SP-4078)
• MEI(Multiplex Extension Internetworking) and RTF(Request To Flash) functions

PACKAGE
• 45-pin die form without MEI/RTF (EM78910AH, POVD disable)(EM78910BH, POVD enable)
• 47-pin die form with MEI/RTF (EM78910AAH, POVD disable)(EM78910ABH, POVD enable)

Application
1. Adjunct units
2. Answering machines
3. Feature phones




Similar Part No. - EM78910

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78911 EMC-EM78911 Datasheet
307Kb / 37P
8-BIT MICRO-CONTROLLER
More results


Similar Description - EM78910

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
8-Bit Micro-controller
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P22 MDTIC-MDT10P22 Datasheet
118Kb / 17P
8-bit micro-controller
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
8-Bit Micro-Controller
logo
Micon Design Technology...
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
8-bit micro-controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com