Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78911 Datasheet (PDF) - ELAN Microelectronics Corp

EM78911 Datasheet PDF - ELAN Microelectronics Corp
Part # EM78911
Download  EM78911 Download
File Size   307.16 Kbytes
Page   37 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 8-BIT MICRO-CONTROLLER

EM78911 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM78911 Datasheet PDF - ELAN Microelectronics Corp

Part # EM78911
Download  EM78911 Click to download

File Size   307.16 Kbytes
Page   37 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 8-BIT MICRO-CONTROLLER

EM78911 Datasheet (HTML) - ELAN Microelectronics Corp


EM78911 Product details

General Description
The EM78911 is an 8-bit CID (Call Identification) RISC type microprocessor with low power , high speed CMOS technology . Integrated onto a single chip are on_chip watchdog (WDT) , RAM , ROM , programmable real time clock /counter , internal interrupt , power down mode , LCD driver , FSK decoder ,CALL WAITING decoder, DTMF generator and tri-state I/O . The EM78911 provides a single chip solution to design a CID of calling message_display .

Feature
CPU
 • Operating voltage range : 2.5V〜5.5V
 • 16K× 13 on chip ROM
 • 2.8K× 8 on chip RAM
 • Up to 36 bi-directional tri-state I/O ports
 • 8 level stack for subroutine nesting
 • 8-bit real time clock/counter (TCC)
 • Two sets of 8 bit counters can be interrupt sources
 • Selective signal sources and trigger edges , and with overflow interrupt
 • Programmable free running on chip watchdog timer
 • 99.9% single instruction cycle commands
 • Four modes (internal clock 3.579MHz)
    1. Sleep mode : CPU and 3.579MHz clock turn off, 32.768KHz clock turn off
    2. Idle mode : CPU and 3.579MHz clock turn off, 32.768KHz clock turn on
    3. Green mode : 3.579MHz clock turn off, CPU and 32.768KHz clock turn on
    4. Normal mode : 3.579MHz clock turn on , CPU and 32.768KHz clock turn on
 • Ring on voltage detector and low battery detector
 • Input port wake up function
 • 9 interrupt source , 4 external , 5 internal
 • 100 pin QFP or chip
 • Port key scan function
 • Clock frequency 32.768KHz
 • Eight R-option pins

CID
 • Operation Volltage 3.5 〜6V for FSK
 • Operation Volltage 2.5 〜6V for DTMF
 • Bell 202 , V.23 FSK demodulator
 • DTMF generator
 • Ring detector on chip

CALL WAITING
 • Operation Volltage 3.6 〜5.5V
 • Compatible with Bellcore special report SR-TSV-002476
 • Call-Waiting (2130Hz plus 2750Hz) Alert Signal Detector
 • Good talkdown and talkoff performance
 • Sensitivity compensated by adjusting input OP gain

LCD
 • LCD operation voltage chosen by software
 • Common driver pins : 16
 • Segment driver pins : 60
 • 1/4 bias

Application
1. adjunct units
2. answering machines
3. feature phones




Similar Part No. - EM78911

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78910 EMC-EM78910 Datasheet
298Kb / 30P
8-BIT MICRO-CONTROLLER
EM78910A EMC-EM78910A Datasheet
298Kb / 30P
8-BIT MICRO-CONTROLLER
More results


Similar Description - EM78911

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
8-Bit Micro-controller
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P22 MDTIC-MDT10P22 Datasheet
118Kb / 17P
8-bit micro-controller
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
8-Bit Micro-Controller
logo
Micon Design Technology...
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
8-bit micro-controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com