Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOB4S60 Datasheet (PDF) - Alpha & Omega Semiconductors

AOB4S60 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOB4S60
Download  AOB4S60 Download
File Size   301.91 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V 4A a MOS TM Power Transistor

AOB4S60 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOB4S60 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOB4S60
Download  AOB4S60 Click to download

File Size   301.91 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V 4A a MOS TM Power Transistor

AOB4S60 Datasheet (HTML) - Alpha & Omega Semiconductors


AOB4S60 Product details

General Description
The AOT4S60 & AOB4S60 & AOTF4S60 have been fabricated using the advanced αMOSTM high voltage process that is designed to deliver high levels of performance and robustness in switching applications. By providing low RDS(on), Qg and EOSS along with guaranteed avalanche capability these parts can be adopted quickly into new and existing offline power supply designs.

For Halogen Free add "L" suffix to part number:
AOT4S60L & AOB4S60L & AOTF4S60L

Product Summary
   VDS @ Tj,max 700V
   IDM                    16A
   RDS(ON),max 0.9Ω
   Qg,typ               6nC
   Eoss @ 400V 1.5µJ
​​​​​​​
   100% UIS Tested
   100% Rg Tested




Similar Part No. - AOB4S60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB4S60 AOSMD-AOB4S60 Datasheet
301Kb / 6P
600V 4A a MOS Power Transistor
logo
VBsemi Electronics Co.,...
AOB4S60 VBSEMI-AOB4S60 Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
logo
Inchange Semiconductor ...
AOB4S60 ISC-AOB4S60 Datasheet
299Kb / 2P
isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
AOB4S60L VBSEMI-AOB4S60L Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
More results


Similar Description - AOB4S60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB4S60 AOSMD-AOB4S60 Datasheet
301Kb / 6P
600V 4A a MOS Power Transistor
AOD4S60 AOSMD-AOD4S60 Datasheet
457Kb / 7P
600V 4A a MOS Power Transistor
AOW4S60 AOSMD-AOW4S60 Datasheet
290Kb / 6P
600V 4A a MOS TM Power Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com