Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOT25S65 Datasheet (PDF) - Alpha & Omega Semiconductors

AOT25S65 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOT25S65
Download  AOT25S65 Download
File Size   317.4 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 650V 25A a MOS TM Power Transistor

AOT25S65 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOT25S65 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOT25S65
Download  AOT25S65 Click to download

File Size   317.4 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 650V 25A a MOS TM Power Transistor

AOT25S65 Datasheet (HTML) - Alpha & Omega Semiconductors


AOT25S65 Product details

General Description
The AOT25S65 & AOB25S65 & AOTF25S65 have been fabricated using the advanced αMOSTM high voltage process that is designed to deliver high levels of performance and robustness in switching applications. By providing low RDS(on), Qg and EOSS along with guaranteed avalanche capability these parts can be adopted quickly into new and existing offline power supply designs.

Product Summary
  VDS @ Tj,max                750V
  IDM                             104A
  RDS(ON),max                 0.19Ω
  Qg,typ                          26.4nC
  Eoss @ 400V                  5.8µC
  100% UIS Tested
  100% Rg Tested




Similar Part No. - AOT25S65

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT25S65 AOSMD-AOT25S65 Datasheet
317Kb / 7P
650V 25A a MOS Power Transistor
AOT25S65 AOSMD-AOT25S65 Datasheet
317Kb / 7P
650V 25A a MOS TM Power Transistor
logo
Inchange Semiconductor ...
AOT25S65 ISC-AOT25S65 Datasheet
304Kb / 2P
isc N-Channel MOSFET Transistor
logo
Alpha & Omega Semicondu...
AOT25S65L AOSMD-AOT25S65L Datasheet
317Kb / 7P
650V 25A a MOS TM Power Transistor
More results


Similar Description - AOT25S65

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB25S65 AOSMD-AOB25S65 Datasheet
317Kb / 7P
650V 25A a MOS Power Transistor
AOW7S65 AOSMD-AOW7S65 Datasheet
267Kb / 6P
650V 7A a MOS TM Power Transistor
AOW11S65 AOSMD-AOW11S65 Datasheet
265Kb / 6P
650V 11A a MOS TM Power Transistor
AOW15S65 AOSMD-AOW15S65 Datasheet
267Kb / 6P
650V 15A a MOS TM Power Transistor
AOW25S65 AOSMD-AOW25S65 Datasheet
271Kb / 6P
650V 25A a MOS TM Power Transistor
AOT25S65L AOSMD-AOT25S65L Datasheet
317Kb / 7P
650V 25A a MOS TM Power Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com