Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3152 Datasheet (PDF) - Diodes Incorporated

AP3152 Datasheet PDF - Diodes Incorporated
Part # AP3152
Download  AP3152 Download
File Size   601.17 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 120mA HIGH EFFICIENCY WHITE LED DRIVER

AP3152 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP3152 Datasheet PDF - Diodes Incorporated

Part # AP3152
Download  AP3152 Click to download

File Size   601.17 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 120mA HIGH EFFICIENCY WHITE LED DRIVER

AP3152 Datasheet (HTML) - Diodes Incorporated


AP3152 Product details

General Description
The AP3152 is a high efficiency charge-pump white LED driver with 1x, 1.5x, 2x operating modes. The AP3152 operates on power supplies from 2.7v to 5.5v. It drives up to four channels of white LEDs while the intensity of each channel is configured by varying the respective current levels. Each channel can supply up to 30mA current. Up to four channels can be ganged together to provide maximum load current of 120mA.

Features
• Up to 88% Max power efficiency
• Wide input voltage range: 2.7V ~ 5.5V
• 1x, 1.5x, and 2x charge-pump modes
• Drive up to 4 white LEDs
• 120mA maximum output current through 4 channels
• Programmable switching frequency, default 1.2MHz
• Up Spread Spectrum Control with 10% frequency deviation
• 1-wire Serial Digital Interface (SDI) or PWM for dimming control
• Soft-start during power-up and mode switching
• Soft-stop during shutdown
• Short-circuit protection
• Over-voltage protection and under-voltage lockout
• Low quiescent current < 1µA
• Industry-leading low profile package
• Lead Free package: DFN3030-12
• DFN3030-12: Available in “Green” Molding Compound (No Br, Sb)
• Lead Free Finish / RoHS Compliant (Note 1)

Applications
• Mobile Phone
• PDA (Personal Digital Assistant)
• White LED Backlighting
• Camera Flash LED Lighting
• LCD Modules
• Portable Devices




Similar Part No. - AP3152

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3152 DIODES-AP3152 Datasheet
581Kb / 11P
120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3152 Rev. 1
AP3152F DIODES-AP3152F Datasheet
581Kb / 11P
120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3152 Rev. 1
More results


Similar Description - AP3152

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
High Efficiency White LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
High Efficiency White LED Driver
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
High Efficiency White LED Driver
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
Monolithic Power System...
MP1521 MPS-MP1521 Datasheet
170Kb / 8P
High Efficiency White LED Driver
logo
Diodes Incorporated
AP3152 DIODES-AP3152 Datasheet
581Kb / 11P
120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3152 Rev. 1
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Diodes Incorporated
AP3154 DIODES-AP3154 Datasheet
611Kb / 13P
120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3154 Rev. 2
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
High-Efficiency White-LED Driver
logo
Diodes Incorporated
AP3154A DIODES-AP3154A_15 Datasheet
1Mb / 14P
120mA HIGH EFFICIENCY WHITE LED DRIVER
Rev 1
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com