Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3152 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3152
Description  120mA HIGH EFFICIENCY WHITE LED DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3152 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3152 Datasheet HTML 1Page - Diodes Incorporated AP3152 Datasheet HTML 2Page - Diodes Incorporated AP3152 Datasheet HTML 3Page - Diodes Incorporated AP3152 Datasheet HTML 4Page - Diodes Incorporated AP3152 Datasheet HTML 5Page - Diodes Incorporated AP3152 Datasheet HTML 6Page - Diodes Incorporated AP3152 Datasheet HTML 7Page - Diodes Incorporated AP3152 Datasheet HTML 8Page - Diodes Incorporated AP3152 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AP3152
120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3152 Rev. 3
2 of 13
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Pin Assignment
C1
N
C2
P
V
IN
C2
N
V
OUT
C1
P
D3
D1
GND
7
6
5
4
3
2
1
10
11
12
9
8
D2
SDI
D4
DFN3030-12
Exposed
Pad
( Top View )
Pin Descriptions
Pin Name
Pin #
Description
D4
1
Current Sink Input #4. Connect to VOUT when un-used.
SDI
2
1-wire Serial Digital Interface Input / PWM input
C1P
3
Positive Terminal of Flying Capacitor. Connect a 1µF capacitor between C1P and
C1N.
C1N
4
Negative Terminal of Flying Capacitor.
VOUT
5
The charge pump output voltage to drive load circuit. Connect a 1µF capacitor
between this pin and ground.
C2P
6
Positive Terminal of Flying Capacitor. Connect a 1µF capacitor between C2P and
C2N.
C2N
7
Negative Terminal of Flying Capacitor.
VIN
8
Input Power Source. Connect a 1µF capacitor between this pin and ground.
GND
9
Ground.
D1
10
Current Sink Input #1. Connect to VOUT when un-used.
D2
11
Current Sink Input #2. Connect to VOUT when un-used.
D3
12
Current Sink Input #3. Connect to VOUT when un-used.
GND
EP PAD
Exposed Pad (bottom). Connect to ground underneath the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com