Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM83702 Datasheet (PDF) - ELAN Microelectronics Corp

EM83702 Datasheet PDF - ELAN Microelectronics Corp
Part # EM83702
Download  EM83702 Download
File Size   81.12 Kbytes
Page   11 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description ALL IN ONE MOUSE CONTROLLER

EM83702 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM83702 Datasheet PDF - ELAN Microelectronics Corp

Part # EM83702
Download  EM83702 Click to download

File Size   81.12 Kbytes
Page   11 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description ALL IN ONE MOUSE CONTROLLER

EM83702 Datasheet (HTML) - ELAN Microelectronics Corp


EM83702 Product details

GENERAL DESCRIPTION
The EM83702 Mouse Controller is specially designed to control mouse device. This single chip can interface three key-switches and four photo-couple direct to RS-232C. The EM83702 does not need any external power supply,so the mouse can go without a power line. It is versatile with both microsoft and mouse system.
Debouncing circuit were provided to prevent false entry and to improve the accuracy. In 1200 baud rate non-auto speed with 200 DPI wheels and photo-couples, the scanning is 650 mm/sec without missing a dot in microsoft mode,and the scanning speed can up to 770 mm/sec in mouse system mode.

FEATURES
• Built-in two zener diode between VDD and VSS, RTS and VDD.
• Buit-in noise immunity circuit.
• CMOS DIP 16 pins package & SOP 16 pins package.
• Low power dissipation.
• Use 32.768 kHz crystal or 3.58MHz resonator.
• Oscillator circuits on-chip.
• Serial output in 1200 baud rate.
• Can be powered directly from RS-232C.
• Can drive directly to RS-232C.
• Three key-switches and four photo-couples inputs.
• Both key-in and key-release debounce interval 13 ms.
• Through three key-switches input, EM83702 can exert seven different output.
• The sampling rate of motion detector is 65 KHz.

APPLICATIONS
• Optical mouse or pen-mouse
• Mechanical mouse or pen-mouse
• Optomechanical mouse or pen-mouse
• Mechanical track ball
• Optomechanical track ball




Similar Part No. - EM83702

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83010 EMC-EM83010 Datasheet
283Kb / 9P
I/O EXPANDER
EM83040 EMC-EM83040 Datasheet
289Kb / 20P
EM83040 LCD DRIVER
EM83040A EMC-EM83040A Datasheet
948Kb / 16P
LCD CONTROLLER
EM83040AAQ EMC-EM83040AAQ Datasheet
948Kb / 16P
LCD CONTROLLER
EM83040ABQ EMC-EM83040ABQ Datasheet
948Kb / 16P
LCD CONTROLLER
More results


Similar Description - EM83702

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83807 EMC-EM83807 Datasheet
52Kb / 7P
ALL-IN-ONE PLUG & PLAY 3-BUTTON SERIAL MOUSE CONTROLLER
EM84520 EMC-EM84520 Datasheet
120Kb / 19P
2-IN-ONE SCROLLING MOUSE CONTROLLER
EM84530 EMC-EM84530 Datasheet
84Kb / 14P
2-IN-ONE MOUSE CONTROLLER
logo
Holtek Semiconductor In...
HT6513 HOLTEK-HT6513 Datasheet
297Kb / 8P
Mouse Controller
23rd Oct 96
logo
List of Unclassifed Man...
SC84520 ETC-SC84520 Datasheet
185Kb / 19P
TWO IN ONE SCROLLING MOUSE CONTROLLER
SC83702 ETC-SC83702 Datasheet
137Kb / 10P
ALL IN ONE MOUSE CONTROLLER
TP8833AP ETC-TP8833AP Datasheet
373Kb / 35P
MOUSE CONTROLLER
logo
ELAN Microelectronics C...
EM84513 EMC-EM84513 Datasheet
485Kb / 24P
Mouse Controller
logo
NXP Semiconductors
PN7462 NXP-PN7462 Datasheet
985Kb / 4P
First all-in-one full NFC controller solution
2016
logo
List of Unclassifed Man...
MT3333 ETC1-MT3333 Datasheet
633Kb / 26P
All-in-One GNSS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com