Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM83702 Datasheet(PDF) 2 Page - ELAN Microelectronics Corp

Part # EM83702
Description  ALL IN ONE MOUSE CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83702 Datasheet(HTML) 2 Page - ELAN Microelectronics Corp

  EM83702 Datasheet HTML 1Page - ELAN Microelectronics Corp EM83702 Datasheet HTML 2Page - ELAN Microelectronics Corp EM83702 Datasheet HTML 3Page - ELAN Microelectronics Corp EM83702 Datasheet HTML 4Page - ELAN Microelectronics Corp EM83702 Datasheet HTML 5Page - ELAN Microelectronics Corp EM83702 Datasheet HTML 6Page - ELAN Microelectronics Corp EM83702 Datasheet HTML 7Page - ELAN Microelectronics Corp EM83702 Datasheet HTML 8Page - ELAN Microelectronics Corp EM83702 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
EM83702
ALL IN ONE MOUSE CONTROLLER
2
* This specification are subject to be changed without notice.
4.15.1996
PIN ASSIGNMENTS
RS
MS
OSC.IN
OSC.OUT
RTS
RXD
VSS
R
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VDD
OPT
Y2
Y1
X2
X1
L
M
EM83702A
RS
OPT
MS
OSC.IN
OSC.OUT
RTS
RXD
VSS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VDD
Y2
Y1
X2
X1
L
M
R
EM83702B
FUNCTIONAL BLOCK DIAGRAM
M
O
T
I
O
N
D
E
T
E
C
T
O
R
N
O
I
S
E
I
M
M
U
N
I
T
Y
D
E
B
O
U
N
C
E
SYSTEM CLOCK
GENERATOR
LEVEL-SHIFT
CIRCUIT
MODE
SELECTOR
TIMING
CONTROLLER
P/S
MULTIPLEXER
COUNTER
RXD
OPT
X1
X2
Y1
Y2
L
M
R
MS
OSC.OUT
RS
OSC.IN
RTS
PIN DESCRIPTIONS
Symbol
I/O
Function
RS
I
Crystal type select : "0" or floating, select 32.768KHz crystal. "1" select 3.58MHz
resonator.
MS
I
When this pin is connected to V
DD, then EM83702 is assigned to operate
under the microsoft mode only. If the pin is connected to V
SS , then EM83702
will operate under the mouse system mode.
However if this pin is "floating", then EM83702 is on the “power on initiation”
situation and if any one of three buttons is chosen, thence EM83702 will operate
under the mouse mode. And while the whole system is on “power on initiation”.No
key is chosen then operation will be under microsoft mode.
OSC.IN
I
A built-in inverter provides oscillation with 32.768 KHz crystal or 3.58MHz
OSC.OUT
resonator.
Several counters used to decrease the frequency of oscillation and create 1200 baud
rate, key-switches debounce and photo-couple sensor scanning clock,etc.
RTS
I
Positive power input.
The signal is sent by mouse driver from computer to the mouse to select
a mode. During the reset time, EM83702 echoes the selected mode to the RXD line
after the reset pulse signal of the RTS line. RXD will send out CD(H) code if
it is under the microsoft mode. RXD will send out two byte C8(H) code if it is under
the mouse system mode in EM83702.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com