Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM91420 Datasheet (PDF) - ELAN Microelectronics Corp

EM91420 Datasheet PDF - ELAN Microelectronics Corp
Part # EM91420
Download  EM91420 Download
File Size   175.49 Kbytes
Page   24 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR

EM91420 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM91420 Datasheet PDF - ELAN Microelectronics Corp

Part # EM91420
Download  EM91420 Click to download

File Size   175.49 Kbytes
Page   24 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR

EM91420 Datasheet (HTML) - ELAN Microelectronics Corp


EM91420 Product details

GENERAL DESCRIPTION
The EM91420 is a series of tone/pulse switchable dialers that is composed of T/P dialer and T/P dialer with 20-set memories. The EM91420 series provides necessary functions of telephone set for application in any environment, such as Pulse dialing, Tone (DTMF) dialing, Handfree dialing, keying tone ,and lock functions.

FEATURES
• Tone/Pulse switchable.
• Wide operating voltage from 2.0 V to 5.5 V.
• Low operating current, 0.15 mA (Pulse) and 0.3 mA (Tone) typically.
• Adding resistor on keyboard scan pin that can select many telephone specifications, such as : Pulse rate, M/B ratio, Flash time, lock dialing functions.
• SDO function supports LCD driver and voice synthesizer to indicate dialing numbers.
• Line hold function is designed for stopping conversation temporality.
• Melody generator provides music on hold function.
• Lock function provides conventionality key lock and password lock operations.
• Ring detector is designed to prevent illegal dialing from pocket dialer.
• 20-set three touch repertory memory, each one can hold data up to 16 digits.
• A 32-digit LNB (last number) redial memory.
• Keytone function provides rapidly keying recognition.
• Handfree function provides on-hook dialing and speakerphone application.
• Pause and P-T time are fixed to 3.6 seconds.
• Tone duration and inter-tone pause time are fixed to 98 ms.
• Using 3.579545 MHz crystal or ceramic resonator.
• Package forms: PDIP, skinny.




Similar Part No. - EM91420

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM91401 EMC-EM91401 Datasheet
174Kb / 23P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91401A EMC-EM91401A Datasheet
174Kb / 23P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91401AP EMC-EM91401AP Datasheet
174Kb / 23P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91401B EMC-EM91401B Datasheet
174Kb / 23P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91401BP EMC-EM91401BP Datasheet
174Kb / 23P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
More results


Similar Description - EM91420

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM91203 EMC-EM91203 Datasheet
143Kb / 19P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91210 EMC-EM91210 Datasheet
143Kb / 19P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91215 EMC-EM91215 Datasheet
145Kb / 19P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91401 EMC-EM91401 Datasheet
174Kb / 23P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91403 EMC-EM91403 Datasheet
174Kb / 24P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91410 EMC-EM91410 Datasheet
175Kb / 24P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91415 EMC-EM91415 Datasheet
186Kb / 25P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91440 EMC-EM91440 Datasheet
175Kb / 24P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91810A EMC-EM91810A Datasheet
172Kb / 18P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
logo
Silan Microelectronics ...
SC91415CK SILAN-SC91415CK Datasheet
301Kb / 23P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com