Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM91810A Datasheet (PDF) - ELAN Microelectronics Corp

EM91810A Datasheet PDF - ELAN Microelectronics Corp
Part # EM91810A
Download  EM91810A Download
File Size   172.93 Kbytes
Page   18 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE

EM91810A Datasheet (PDF)

Go To PDF Page Download Datasheet
EM91810A Datasheet PDF - ELAN Microelectronics Corp

Part # EM91810A
Download  EM91810A Click to download

File Size   172.93 Kbytes
Page   18 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE

EM91810A Datasheet (HTML) - ELAN Microelectronics Corp


EM91810A Product details

GENERAL DESCRIPTION
The EM91810A/B are Tone/Pulse switchable dialer which are fabricated in CMOS technology with wide operating voltage for both tone and pulse mode, and consumes very low memory retention current in ON-HOOK state. EM91810A/B also provide SDO (serial data output) function to drive LCD driver (EM32100, EM32116, EM32117) and voice synthesizer.

FEATURES
• Tone/pulse switchable dialer.
• One 32-digit last number redial memory.
• Pulse to tone (P→T) is provided for PBX operation.
• Flash key is available.
• Minimum tone duration is 98ms or 83ms.
• Minimum intertone pause is 98ms or 83ms.
• Uses 3.579545 MHz crystal or ceramic resonator.
• Many options can be selected.
    Mode (10 PPS ; 20 PPS ; Tone)
    M/B ratio (40 : 60 ; 33 : 66)
    Pause time (3.6s)
• Flash function (RESET)
    P→T pause time (3.6s)
    Flash time (600ms; 300ms; 100ms; or 80ms).
• Mixed dialing.
• Handfree function is provided for speaker phone application.
• Power on reset circuit is provided.
• Package in DIP18 or DIP20.
• SDO function that is supported to drive LCD driver (EM32100) and voice synthesizer to indicate dialing number.
• Key tone function is provided.




Similar Part No. - EM91810A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM91850 EMC-EM91850 Datasheet
123Kb / 20P
TONE/PULSE DIALER WITH HF, HD, REDIAL AND VOLUME CONTROL FUNCTION
EM91865 EMC-EM91865 Datasheet
134Kb / 20P
13 MEMORY TONE/PULSE DIALER WITH HF, HD, REDIAL AND VOLUME CONTROL FUNCTION
EM91865A EMC-EM91865A Datasheet
134Kb / 20P
13 MEMORY TONE/PULSE DIALER WITH HF, HD, REDIAL AND VOLUME CONTROL FUNCTION
EM91865B EMC-EM91865B Datasheet
134Kb / 20P
13 MEMORY TONE/PULSE DIALER WITH HF, HD, REDIAL AND VOLUME CONTROL FUNCTION
EM91886 EMC-EM91886 Datasheet
894Kb / 46P
CMOS SINGLE SHIP TELEPHONE WITH LOCK, SPEAKERPHONE, HOLD MELODY AND LCD INTERFACE
More results


Similar Description - EM91810A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM91203 EMC-EM91203 Datasheet
143Kb / 19P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91210 EMC-EM91210 Datasheet
143Kb / 19P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91215 EMC-EM91215 Datasheet
145Kb / 19P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91220 EMC-EM91220 Datasheet
145Kb / 20P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91240 EMC-EM91240 Datasheet
145Kb / 20P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91401 EMC-EM91401 Datasheet
174Kb / 23P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91415 EMC-EM91415 Datasheet
186Kb / 25P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91420 EMC-EM91420 Datasheet
175Kb / 24P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91440 EMC-EM91440 Datasheet
175Kb / 24P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
logo
Silan Microelectronics ...
SC91415CK SILAN-SC91415CK Datasheet
301Kb / 23P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com