Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM91865 Datasheet (PDF) - ELAN Microelectronics Corp

EM91865 Datasheet PDF - ELAN Microelectronics Corp
Part # EM91865
Download  EM91865 Download
File Size   134.45 Kbytes
Page   20 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 13 MEMORY TONE/PULSE DIALER WITH HF, HD, REDIAL AND VOLUME CONTROL FUNCTION

EM91865 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM91865 Datasheet PDF - ELAN Microelectronics Corp

Part # EM91865
Download  EM91865 Click to download

File Size   134.45 Kbytes
Page   20 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 13 MEMORY TONE/PULSE DIALER WITH HF, HD, REDIAL AND VOLUME CONTROL FUNCTION

EM91865 Datasheet (HTML) - ELAN Microelectronics Corp


EM91865 Product details

GENERAL DESCRIPTION
The EM91865 are 13 memory tone/pulse switchable dialer with Last Number Redail (LNB) anD SAVE function, Which are fabricate in CMOS technology with wide operating voltage for both tone and pulse mode. EM91865 consumes very low memory retention current in on hook state. The EM91865 provide necessary functions of telephone set for application in any environment, such as pulse dialing, tone (DTMF)dialing, handfree dialing. Beside this, hold, mute and redial function are provide for particular operation. In redial mode EM91865 can auto insert pause time for application in PABX system. EM91865 also have a special I/O pin - VAO can used tocontrol the receive volume amplify circuit.

FEATURES
• Volume add Control Function.
• One key Redial Function.
• Flash key is available and have multiple Flash time ( 600 ms, 300 ms, 100 ms ) can be selected.
• Auto Insert Pause Time.
• Tone/Pulse Switchable.
• Pulse mode fixed 10PPS.
• Pulse to tone ( P→T ) key is provided for PABX operation.
• Many options can be selected by R option.
    Mode ( Pulse, Tone )
    M/B ratio ( 40:60 ; 33:66 )
    Auto insert pause time ( enable ; disable )
• 13 sets 16 digits one touch memory, or 3 set one touch and ten set two touch 16 digits memory.
• One set 32 digits SAVE function.
• One set 32 digits LNB redial function.
• Mixed and cascaded dialing.
• Hold and Mute function.
• Hand Free dialing.
• Tone duration and inter -tone pause are fixed at 90 ms.
• Flash pause time are fixed at 600 ms.
• Pulse to Tone pause time are fixed at 3.6sec.
• Uses 3.579545 MHz crystal or ceramic resonator (with built-in capacitor, no need extra capacitor).
• Package in DIP 18 or DIP 16.

Total System
• Operating voltage : 2.0V ~ 5.5V
• Operating current : Tone mode 0.3 mA (typical) ~ 0.5 mA
                                 Pulse mode 0.15 mA (typical) ~ 0.2 mA
• Standby current : 0.01 uA ( typical ) 0.1 uA ( max. )
• Use single clock 3.579545 MHz crystal




Similar Part No. - EM91865

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM91810A EMC-EM91810A Datasheet
172Kb / 18P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91810B EMC-EM91810B Datasheet
172Kb / 18P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91850 EMC-EM91850 Datasheet
123Kb / 20P
TONE/PULSE DIALER WITH HF, HD, REDIAL AND VOLUME CONTROL FUNCTION
EM91886 EMC-EM91886 Datasheet
894Kb / 46P
CMOS SINGLE SHIP TELEPHONE WITH LOCK, SPEAKERPHONE, HOLD MELODY AND LCD INTERFACE
More results


Similar Description - EM91865

ManufacturerPart #DatasheetDescription
logo
Winbond
W91210 WINBOND-W91210 Datasheet
202Kb / 11P
TONE/PULSE DIALER WITH REDIAL FUNCTION
W91310 WINBOND-W91310 Datasheet
211Kb / 12P
TONE/PULSE DIALER WITH REDIAL FUNCTION
W91430N WINBOND-W91430N Datasheet
176Kb / 14P
13-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
W91630 WINBOND-W91630 Datasheet
181Kb / 14P
10-MEMORY TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
ELAN Microelectronics C...
EM91850 EMC-EM91850 Datasheet
123Kb / 20P
TONE/PULSE DIALER WITH HF, HD, REDIAL AND VOLUME CONTROL FUNCTION
logo
Winbond
W91312N WINBOND-W91312N Datasheet
109Kb / 11P
TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Silan Microelectronics ...
SC9102D SILAN-SC9102D Datasheet
179Kb / 16P
TONE/PULSE DIALER WITH REDIAL FUNCTION
SC91650 SILAN-SC91650 Datasheet
431Kb / 30P
13 MEMORY TONE / PULSE DIALER WITH REDIAL SAVE HANDFREE & HOLD FUNCTION
SC91316 SILAN-SC91316 Datasheet
118Kb / 14P
TONE / PULSE DIALER WITH REDIAL FUNCTION
logo
Unisonic Technologies
U9131X UTC-U9131X Datasheet
235Kb / 11P
TONE/PULSE DIALER WITH REDIAL FUNCTION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com