Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM91240 Datasheet (PDF) - ELAN Microelectronics Corp

EM91240 Datasheet PDF - ELAN Microelectronics Corp
Part # EM91240
Download  EM91240 Download
File Size   145.02 Kbytes
Page   20 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE

EM91240 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM91240 Datasheet PDF - ELAN Microelectronics Corp

Part # EM91240
Download  EM91240 Click to download

File Size   145.02 Kbytes
Page   20 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE

EM91240 Datasheet (HTML) - ELAN Microelectronics Corp


EM91240 Product details

GENERAL DESCRIPTION
The EM91240 is a series of tone/pulse switchable dialers that is composed of T/P dialer and T/P dialer with 40-set memories. The EM91240 series provides necessary functions of telephone set for application in any environment, such as Pulse dialing, Tone (DTMF) dialing, Handfree dialing, keying tone , mute and pulse mute functions. Beside this, SDO (Serial Data Output) functions is provided in advance version that is designed to drive LCD driver and voice synthesizer. In this application, the dialing numbers can be displayed on LCD screen with EM32100 ( or EM32116 ).

FEATURES
• Tone/Pulse switchable.
• Wide operating voltage from 2.0 V to 5.5 V.
• Low operating current, 0.15 mA (Pulse) and 0.3 mA (Tone) typically.
• Adding resistor on keyboard scan pin that can select many telephone specifications, such as : Pulse rate, M/B ratio, Flash time, Pause time, P-T wait time and keyboard type.
• SDO function supports LCD driver and voice synthesizer to indicate dialing numbers.
• Handfree function provides on-hook dialing and speakerphone application.
• 40-set three touch repertory memory, each one can store data up to 16 digits.
• A 32-digit LNB (last number) redial memory.
• A 32-digit SAVE redial memory.
• Keytone function provides rapidly keying recognition.
• Pulse mute function supports pulse dialing application.
• Using 3.579545 MHz crystal or ceramic resonator.
• Package forms: PDIP, skinny.




Similar Part No. - EM91240

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM91203 EMC-EM91203 Datasheet
143Kb / 19P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91203A EMC-EM91203A Datasheet
143Kb / 19P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91203AP EMC-EM91203AP Datasheet
143Kb / 19P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91203B EMC-EM91203B Datasheet
143Kb / 19P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91203BP EMC-EM91203BP Datasheet
143Kb / 19P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
More results


Similar Description - EM91240

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM91203 EMC-EM91203 Datasheet
143Kb / 19P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91210 EMC-EM91210 Datasheet
143Kb / 19P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91215 EMC-EM91215 Datasheet
145Kb / 19P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91220 EMC-EM91220 Datasheet
145Kb / 20P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91401 EMC-EM91401 Datasheet
174Kb / 23P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91415 EMC-EM91415 Datasheet
186Kb / 25P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91420 EMC-EM91420 Datasheet
175Kb / 24P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91440 EMC-EM91440 Datasheet
175Kb / 24P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91810A EMC-EM91810A Datasheet
172Kb / 18P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
logo
Silan Microelectronics ...
SC91415CK SILAN-SC91415CK Datasheet
301Kb / 23P
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com