Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM92600 Datasheet (PDF) - ELAN Microelectronics Corp

EM92600 Datasheet PDF - ELAN Microelectronics Corp
Part # EM92600
Download  EM92600 Download
File Size   52.24 Kbytes
Page   6 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description DUAL PLL FOR 46/49 MHZ CORDLESS PHONE

EM92600 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM92600 Datasheet PDF - ELAN Microelectronics Corp

Part # EM92600
Download  EM92600 Click to download

File Size   52.24 Kbytes
Page   6 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description DUAL PLL FOR 46/49 MHZ CORDLESS PHONE

EM92600 Datasheet (HTML) - ELAN Microelectronics Corp


EM92600 Product details

GENERAL DESCRIPTION
The EM92600/1A series are developed for 46/49 MHz of 10 channels band frequency of cordless telephone which is used in U.S.A.. These devices are dual phase-locked loop frequency synthesizers contained ROM counters for receive and transmit loops with two independent phase detect circuits. A common reference oscillator and reference divider are share by the receive and transmit circuits.

FEATURES
• Include oscillation circuit with external X-TAL (10.240 MHz).
• Unlock detector.
• 5KHz output for guard tone.
• Standby mode for power saving.
• 2.5 to 5.5V supply range.
• Baseset/Handset changeable.
• Available in 16 pin DIP or SOP.
• SERIES
    Part Number Package Channel Selection
    EM92600AP   DIP          parallel
    EM92600AM   SOP          parallel
    EM92601AP   DIP          serial
    EM92601AM   SOP          serial




Similar Part No. - EM92600

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM9201 EMMICRO-EM9201 Datasheet
60Kb / 1P
World?셲 First Fully Integrated Single-Cell Battery 2.4 GHz Transceiver
EM9202 EMMICRO-EM9202 Datasheet
60Kb / 1P
World?셲 First Fully Integrated Single-Cell Battery 2.4 GHz Transceiver
logo
TANDA UK Limited.
EM921 TANDAUK-EM921 Datasheet
1Mb / 2P
Conventional Manual Call Point
logo
ELAN Microelectronics C...
EM92547A EMC-EM92547A Datasheet
136Kb / 13P
CALLER ID FSK DECODER
EM92547B EMC-EM92547B Datasheet
136Kb / 13P
CALLER ID FSK DECODER
More results


Similar Description - EM92600

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9015 HOLTEK-HT9015 Datasheet
206Kb / 23P
RF Single Chip for Cordless Phone
April 10, 2000
logo
Motorola, Inc
MC33411A MOTOROLA-MC33411A Datasheet
449Kb / 43P
900 MHZ ANALOG CORDLESS PHONE BASEBAND WITH COMPANDER
logo
Toshiba Semiconductor
TB31213FN TOSHIBA-TB31213FN Datasheet
628Kb / 18P
PLL FREQUENCY SYNTHESIZER FOR CORDLESS TELEPHONE
logo
TOKO, Inc
TDF2A-836E-10A TOKO-TDF2A-836E-10A Datasheet
194Kb / 4P
TDF series for Mobile & Cordless Phone
logo
Toshiba Semiconductor
TB31213FNG TOSHIBA-TB31213FNG Datasheet
623Kb / 18P
PLL EREQUENCY SYNTHESIZER FOR CORDLESS TELEPHONE
TB31214FNG TOSHIBA-TB31214FNG Datasheet
622Kb / 18P
PLL EREQUENCY SYNTHESIZER FOR CORDLESS TELEPHONE
logo
Motorola, Inc
MC33410 MOTOROLA-MC33410 Datasheet
303Kb / 20P
DUAL CVSD/PLL CORDLESS PHONE SYSTEM
MC145166 MOTOROLA-MC145166 Datasheet
139Kb / 11P
Dual PLLs for 46/49 Mhz Cordless Telephones
MC145168 MOTOROLA-MC145168 Datasheet
45Kb / 2P
Dual PLLs For 46/49 Mhz Cordless Telephones
MC145160 MOTOROLA-MC145160 Datasheet
189Kb / 7P
Dual PLLs For 46/49 MHz Cordless Telephones CMOS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com