Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM92547D Datasheet (PDF) - ELAN Microelectronics Corp

EM92547D Datasheet PDF - ELAN Microelectronics Corp
Part # EM92547D
Download  EM92547D Download
File Size   136.0 Kbytes
Page   13 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description CALLER ID FSK DECODER

EM92547D Datasheet (PDF)

Go To PDF Page Download Datasheet
EM92547D Datasheet PDF - ELAN Microelectronics Corp

Part # EM92547D
Download  EM92547D Click to download

File Size   136.0 Kbytes
Page   13 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description CALLER ID FSK DECODER

EM92547D Datasheet (HTML) - ELAN Microelectronics Corp


EM92547D Product details

General Description

The EM92547 is a single-chip CMOS receiver IC designed to work in telephone equipment incorporating Calling Number Delivery (CND) capabilities. CND capabilities can be add to equipment such as telephone, adjunct units, answering machines, and facsimile machines, by using the EM92547 and any standard microcontroller IC. The EM92547 detects and qualifies the incoming ring signal, performs an energy detect on incoming FSK signal, and demodulates the FSK data in accordance with BELL 202 standards. Integrating the above functions the equipment manufacturer a cost-effective means of implementing CND capabilities into their products.



Features

· Compatible with Bellcore GR-30-CORE (formerly as TR-NWT-000030).

· Compatible with British Telecom (BT) SIN227 & SIN242.

· FSK demodulator for Bell 202 and ITU-T V.23 (formerly as CCITT V.23)

· On-chip ring detector

· Ring detect and carrier detect output for MCU interrupt

· Power down mode operation

· On-chip band pass filter

· FSK demodulation with energy detect

· High input sensitivity

· Low current consumption in power down mode

· Single supply from 3.5V to 6V

· Clock Frequencies: 3.58MHz or 455KHz for EM92547A

                          : 3.58MHz for EM92547B/D

· Package series --- 16-pin DIP or 16-pin SOP (150 mil)

   EM92547BP/DP for 16-pin DIP

   EM92547BN/DN for 16-pin SOP (150 mil)



Application

· adjunct units

· answering machines

· feature phones

· fax machines

· computer interface products



 




Similar Part No. - EM92547D

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM9201 EMMICRO-EM9201 Datasheet
60Kb / 1P
World?셲 First Fully Integrated Single-Cell Battery 2.4 GHz Transceiver
EM9202 EMMICRO-EM9202 Datasheet
60Kb / 1P
World?셲 First Fully Integrated Single-Cell Battery 2.4 GHz Transceiver
logo
TANDA UK Limited.
EM921 TANDAUK-EM921 Datasheet
1Mb / 2P
Conventional Manual Call Point
logo
ELAN Microelectronics C...
EM92600 EMC-EM92600 Datasheet
52Kb / 6P
DUAL PLL FOR 46/49 MHZ CORDLESS PHONE
EM92600A EMC-EM92600A Datasheet
52Kb / 6P
DUAL PLL FOR 46/49 MHZ CORDLESS PHONE
More results


Similar Description - EM92547D

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8222A NPC-SM8222A Datasheet
112Kb / 15P
Caller ID Service IC with Call Waiting
logo
NXP Semiconductors
PCD3316 PHILIPS-PCD3316 Datasheet
534Kb / 30P
Caller-ID on Call Waiting CIDCW receiver
11 March 1999
logo
Integrated Device Techn...
NW6005 IDT-NW6005 Datasheet
282Kb / 20P
ENHANCED TYPE II CALLER ID DECODER
logo
Exar Corporation
XR-2211 EXAR-XR-2211 Datasheet
242Kb / 24P
FSK Demodulator/ Tone Decoder
logo
Holtek Semiconductor In...
HT95168 HOLTEK-HT95168 Datasheet
182Kb / 13P
Caller ID Telephone IC
March 22, 2004
logo
Integrated Device Techn...
NW6003 IDT-NW6003 Datasheet
306Kb / 21P
TYPE II CALLER ID DECODER
NW6006 IDT-NW6006 Datasheet
324Kb / 22P
ENHANCED TYPE II CALLER ID DECODER WITH STUTTER DIAL TONE DETECTOR
NW6005AS IDT-NW6005AS Datasheet
313Kb / 20P
ENHANCED TYPE II CALLER ID DECODER
logo
New Japan Radio
NJM2211M-TE1 NJRC-NJM2211M-TE1 Datasheet
256Kb / 1P
FSK DEMODULATOR / TONE DECODER
logo
Silicon Laboratories
SI2493D SILABS-SI2493D Datasheet
1Mb / 60P
Type I and II caller ID decode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com