Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM7108C Datasheet (PDF) - Microsemi Corporation

UM7108C Datasheet PDF - Microsemi Corporation
Part # UM7108C
Download  UM7108C Download
File Size   322.58 Kbytes
Page   7 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Average power dissipation to 10 W

UM7108C Datasheet (PDF)

Go To PDF Page Download Datasheet
UM7108C Datasheet PDF - Microsemi Corporation

Part # UM7108C
Download  UM7108C Click to download

File Size   322.58 Kbytes
Page   7 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Average power dissipation to 10 W

UM7108C Datasheet (HTML) - Microsemi Corporation


UM7108C Product details

DESCRIPTION
The UM7000 and UM7100 series offer moderately high power handling in combination with reasonably low levels of both series resistance and capacitance. The UM7200 series offers the lowest series resistance, but the highest capacitance of the group. The differences in specified performance for each of the series, results from different I-region thickness. The three series have broad applicability in many RF and microwave switch and attenuator circuits. Additionally, the UM7100 in leaded versions is usually the most cost-effective diode choice in high volume usage.

KEY FEATURES
▪ Voltage ratings to 1000V (UM7000)
▪ Average power dissipation to 10 W
▪ Series resistance as low as 0.25 Ω
▪ Carrier lifetime greater than 2.5 µs
▪ Low capacitance
▪ Low conductance (High RP)
▪ Compatible with automated assembly
▪ RoHS compliant packaging Available1 (Use UMX7202B, etc.)

APPLICATIONS/BENEFITS
▪ Isolated stud package available
▪ Surface mount package available
▪ Soldering temperature: 260 °C for 10 seconds maximum




Similar Part No. - UM7108C

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UM7108C MICROCHIP-UM7108C Datasheet
2Mb / 221P
Product Change Notification
03-Jul-2020
More results


Similar Description - UM7108C

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
BZT03C6V2 LUGUANG-BZT03C6V2 Datasheet
233Kb / 4P
POWER DISSIPATION: 3.25 W
logo
First Components Intern...
1N4728 FCI-1N4728_1 Datasheet
977Kb / 3P
1 Watt ZENER DIODES (3.3V to 100V) 1.0 W power dissipation
logo
Ohmite Mfg. Co.
MRA OHMITE-MRA Datasheet
301Kb / 2P
Power dissipation up to 2W
logo
Shanghai Leiditech Elec...
SMAJ5913B LEIDITECH-SMAJ5913B Datasheet
329Kb / 2P
1.5 W Power Dissipation
SMAJ5914B LEIDITECH-SMAJ5914B Datasheet
329Kb / 2P
1.5 W Power Dissipation
SMAJ5915B LEIDITECH-SMAJ5915B Datasheet
329Kb / 2P
1.5 W Power Dissipation
SMAJ5916B LEIDITECH-SMAJ5916B Datasheet
329Kb / 2P
1.5 W Power Dissipation
SMAJ5917B LEIDITECH-SMAJ5917B Datasheet
329Kb / 2P
1.5 W Power Dissipation
SMAJ5918B LEIDITECH-SMAJ5918B Datasheet
329Kb / 2P
1.5 W Power Dissipation
logo
Analog Devices
ADRF5144 AD-ADRF5144 Datasheet
556Kb / 12P
10 W Average, Silicon SPDT, Reflective Switch, 1 GHz to 20 GHz
Rev. 0
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com