Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBL3853 Datasheet (PDF) - Ericsson

PBL3853 Datasheet PDF - Ericsson
Part # PBL3853
Download  PBL3853 Download
File Size   256.03 Kbytes
Page   16 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description Universal Speech Circuit

PBL3853 Datasheet (PDF)

Go To PDF Page Download Datasheet
PBL3853 Datasheet PDF - Ericsson

Part # PBL3853
Download  PBL3853 Click to download

File Size   256.03 Kbytes
Page   16 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description Universal Speech Circuit

PBL3853 Datasheet (HTML) - Ericsson


PBL3853 Product details

Description
The PBL 3853 is a biopolar integrated speech circuit with specific parameters making it highly suitable to be used as a line interface and speech circuit in a telephone line powered electronic payphone. Emphasis has been put on low current consumption in the IC thus facilitating that a greater part of the available line current can be used to power other electrical functions in the design.

Key Features
• Low own current consumption
• Can operate both with active and passive impedance towards the line
• Derives a high current from the line for auxiliary functions, 12 mA at 16 mA line current
• Separate mute inputs for transmitter and receiver (receiver cut off)
• Line length regulation possible (line loss compensation
• Comes in 18 pin DIP and 20-pin SO package
• High line current operation, max. 130 mA
• Especially suitable for payphone applications
• DTMF - confidence tone input
• Excellent RFI performance




Similar Part No. - PBL3853

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL3852 ERICSSON-PBL3852 Datasheet
404Kb / 24P
Universal Transmission Circuit
PBL38541 ERICSSON-PBL38541 Datasheet
277Kb / 14P
Universal Speech Circuit
PBL385411N ERICSSON-PBL385411N Datasheet
277Kb / 14P
Universal Speech Circuit
PBL385411SO ERICSSON-PBL385411SO Datasheet
277Kb / 14P
Universal Speech Circuit
PBL385411SO-T ERICSSON-PBL385411SO-T Datasheet
277Kb / 14P
Universal Speech Circuit
More results


Similar Description - PBL3853

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7630 OKI-MSM7630 Datasheet
650Kb / 95P
Universal Speech Processor
logo
Samsung semiconductor
KA8603 SAMSUNG-KA8603 Datasheet
67Kb / 5P
UNIVERSAL SPEECH NETWORK
logo
Ericsson
PBL38541 ERICSSON-PBL38541 Datasheet
277Kb / 14P
Universal Speech Circuit
PBL38570 ERICSSON-PBL38570 Datasheet
238Kb / 12P
Universal Speech Circuit
logo
Integral Corp.
IL3726AN INTEGRAL-IL3726AN Datasheet
240Kb / 4P
Universal Speech Circuit with Dialler Interface
logo
KODENSHI_AUK CORP.
KK3726AN KODENSHI-KK3726AN Datasheet
260Kb / 4P
Universal Speech Circuit with Dialler Interface
logo
Unisonic Technologies
UTCL6726 UTC-UTCL6726 Datasheet
186Kb / 12P
UNIVERSAL SPEECH CIRCUIT
L6726 UTC-L6726_08 Datasheet
284Kb / 13P
UNIVERSAL SPEECH CIRCUIT
L6726 UTC-L6726_12 Datasheet
285Kb / 13P
UNIVERSAL SPEECH CIRCUIT
L6726 UTC-L6726_15 Datasheet
328Kb / 13P
UNIVERSAL SPEECH CIRCUIT
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com