Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7630 Datasheet (PDF) - OKI electronic componets

MSM7630 Datasheet PDF - OKI electronic componets
Part # MSM7630
Download  MSM7630 Download
File Size   650.12 Kbytes
Page   95 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Universal Speech Processor

MSM7630 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM7630 Datasheet PDF - OKI electronic componets

Part # MSM7630
Download  MSM7630 Click to download

File Size   650.12 Kbytes
Page   95 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Universal Speech Processor

MSM7630 Datasheet (HTML) - OKI electronic componets


MSM7630 Product details

GENERAL DESCRIPTION
The MSM7630 is a speech processor LSI device with internal D/A converter. It is optimized for speech output applications such as text-to-speech conversion.

FEATURES
• Parallel and serial interfaces
• Single 3.3V power supply
• 5V interface available
• Internal 16-bit x 16-bit to 32-bit multiplier (2-clock data throughput)
• 26 VAX MIPS performance at 40 MHz operation (when using ordinary ROM/SRAM)
• Package: 100-pin plastic QFP (QFP100-P-1420-0.65-BK)(Product name: MSM7630GS-BK)




Similar Part No. - MSM7630

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7602 OKI-MSM7602 Datasheet
238Kb / 29P
Echo Canceler
MSM7602-001 OKI-MSM7602-001 Datasheet
238Kb / 29P
Echo Canceler
MSM7602-011 OKI-MSM7602-011 Datasheet
238Kb / 29P
Echo Canceler
MSM7603 OKI-MSM7603 Datasheet
149Kb / 20P
Echo Canceler
MSM7603B OKI-MSM7603B Datasheet
149Kb / 20P
Echo Canceler
More results


Similar Description - MSM7630

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA8603 SAMSUNG-KA8603 Datasheet
67Kb / 5P
UNIVERSAL SPEECH NETWORK
logo
Daewoo Semiconductor
DBL5016 DAEWOO-DBL5016 Datasheet
391Kb / 7P
UNIVERSAL SPEECH NETWORK
DBL5021 DAEWOO-DBL5021 Datasheet
243Kb / 5P
UNIVERSAL SPEECH NETWORK
DBL5022 DAEWOO-DBL5022 Datasheet
298Kb / 6P
UNIVERSAL SPEECH NETWORK
logo
Ericsson
PBL38541 ERICSSON-PBL38541 Datasheet
277Kb / 14P
Universal Speech Circuit
PBL38570 ERICSSON-PBL38570 Datasheet
238Kb / 12P
Universal Speech Circuit
logo
AUK corp
SL5021P AUK-SL5021P Datasheet
74Kb / 6P
UNIVERSAL SPEECH NETWORK
SL5022P AUK-SL5022P Datasheet
75Kb / 6P
UNIVERSAL SPEECH NETWORK
logo
Unisonic Technologies
UTCL6726 UTC-UTCL6726 Datasheet
186Kb / 12P
UNIVERSAL SPEECH CIRCUIT
L6726 UTC-L6726_15 Datasheet
328Kb / 13P
UNIVERSAL SPEECH CIRCUIT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com