Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBL386402 Datasheet (PDF) - Ericsson

PBL386402 Datasheet PDF - Ericsson
Part # PBL386402
Download  PBL386402 Download
File Size   138.12 Kbytes
Page   16 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description Subscriber Line Interface Circuit

PBL386402 Datasheet (PDF)

Go To PDF Page Download Datasheet
PBL386402 Datasheet PDF - Ericsson

Part # PBL386402
Download  PBL386402 Click to download

File Size   138.12 Kbytes
Page   16 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description Subscriber Line Interface Circuit

PBL386402 Datasheet (HTML) - Ericsson


PBL386402 Product details

Description

The PBL 386 40/2 Subscriber Line Interface Circuit (SLIC) is a 90 V bipolar integrated circuit for use in Digital Loop Carrier, FITL and other telecommunications equipment. The PBL 386 40/2 has been optimized for low total line interface cost and a high degree of flexibility in different applications.



Key Features

• 24-pin SSOP package

• High and low battery with automatic switching

• 65 mW on-hook power dissipation in active state

• On-hook transmission

• Long loop battery feed tracks Vbat for maximum line voltage

• Only +5 V feed in addition to battery

• Selectable transmit gain (1x or 0.5x)

• No power-up sequence

• Programmable signal headroom

• 43V open loop voltage @ -48V battery feed

• Constant loop voltage for line leakage

  <5 mA (RLeak ~ >10 kΩ@ -48V)

• Full longitudinal current capability during on-hook state

• Analog over temperature protection permits transmission while the protection circuit is active

• Line voltage measurement

• Polarity reversal

• Ground key detector

• Tip open state with ring ground detector

• -40°C to +85°C ambient temperature range




Similar Part No. - PBL386402

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results


Similar Description - PBL386402

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
SUBSCRIBER LINE INTERFACE CIRCUIT
Dec-1997
STLC3080 STMICROELECTRONICS-STLC3080 Datasheet
201Kb / 23P
SUBSCRIBER LINE INTERFACE CIRCUIT
Dec-1999
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
Subscriber Line Interface Circuit
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Advanced Micro Devices
AM79574 AMD-AM79574 Datasheet
234Kb / 17P
Subscriber Line Interface Circuit
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com