Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3080 Datasheet (PDF) - STMicroelectronics

STLC3080 Datasheet PDF - STMicroelectronics
Part # STLC3080
Download  STLC3080 Download
File Size   201.81 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SUBSCRIBER LINE INTERFACE CIRCUIT

STLC3080 Datasheet (PDF)

Go To PDF Page Download Datasheet
STLC3080 Datasheet PDF - STMicroelectronics

Part # STLC3080
Download  STLC3080 Click to download

File Size   201.81 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SUBSCRIBER LINE INTERFACE CIRCUIT

STLC3080 Datasheet (HTML) - STMicroelectronics


STLC3080 Product details

DESCRIPTION
The STLC3080 is a SLIC device suitable for a wide range of applications: public (CO), transmission (DLC) and private (PABX). The SLIC provides the standard battery feeding with full programmability of the DC characteristic. In particular two external resistors allow to set the limiting current value (up to 50mA) and the value of the resistive feeding when not in constant current region.

■ MONOCHIP SLIC SUITABLE FOR PUBLIC APPLICATIONS
■ IMPLEMENTES ALL KEY FEATURES OF THE BORSHT FUNCTION
■ DUAL CONTROL MODE CONFIGURATION: SLAVE MODE OR AUTOMATIC ACTIVATION MODE.
■ SOFT BATTERY REVERSAL WITH PROGRAMMABLE TRANSITION TIME
■ ON HOOK TRANSMISSION
■ LOOP START/GROUND START FEATURE WITH PROGR. THRESHOLD
■ LOW POWER DISSIPATION IN ALL OPERATING MODES
■ AUTOMATIC DUAL BATTERY OPERATION
■ INTEGRATED RING TRIP DETECTION WITH AUTOMATIC AND SYNCRONISED RING DISCONNECTION
■ METERING PULSE INJECTION
■ SURFACE MOUNT PACKAGE
■ THREE RELAY DRIVERS FOR RING AND TESTING
■ -40 TO +85°C OPERATING RANGE




Similar Part No. - STLC3080

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC3085 STMICROELECTRONICS-STLC3085 Datasheet
353Kb / 28P
Integrated Pots Interface for Home Access Gateway and WLL
15-Feb-2006
More results


Similar Description - STLC3080

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
SUBSCRIBER LINE INTERFACE CIRCUIT
Dec-1997
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
Subscriber Line Interface Circuit
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Advanced Micro Devices
AM79574 AMD-AM79574 Datasheet
234Kb / 17P
Subscriber Line Interface Circuit
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com