Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3080 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STLC3080
Description  SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3080 Datasheet(HTML) 2 Page - STMicroelectronics

  STLC3080 Datasheet HTML 1Page - STMicroelectronics STLC3080 Datasheet HTML 2Page - STMicroelectronics STLC3080 Datasheet HTML 3Page - STMicroelectronics STLC3080 Datasheet HTML 4Page - STMicroelectronics STLC3080 Datasheet HTML 5Page - STMicroelectronics STLC3080 Datasheet HTML 6Page - STMicroelectronics STLC3080 Datasheet HTML 7Page - STMicroelectronics STLC3080 Datasheet HTML 8Page - STMicroelectronics STLC3080 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
CSOUT
TTXIN
D98TL306A
1
2
3
5
6
4
7
8
9
10
17
11
18 19 20 21 22
44 43 42 41
39
40
38 37 36 35 34
28
27
26
24
23
25
33
32
31
29
30
12 13 14 15 16
CSIN
D0
D1
D2
R0
R1
RES
VDD
VCC
CRT
CAC
RDC
ILTF
RT2
RT1
AGND
RTH
RLIM
IREF
CREV
PIN CONNECTION
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VBAT
Battery voltage
-80 + VCC to +0.4
-80 + VREL to + 0.4
V
V
VCC
Positive supply voltage
-0.4 to +7
V
VDD
Control Interface Supply Voltage
-0.4 to +7
V
IREL
Current into relay drivers
80
mA
A/R/BGND
AGND respect BGND respect RGND
-2 to +2
V
OPERATING RANGE
Symbol
Parameter
Value
Unit
TopT
Operating temperature range
-40 to +85
°C
VCC
Positive supply voltage
4.75 to 5.25
V
VDD
Control Interface Supply Voltage
3 to 5.25
V
VBAT
Battery voltage
if VREL > VCC
-73 to -15
-78 + VREL to -15
V
V
A/R/BGND
AGND respect BGND respect RGND
-0.3 to +0.3
V
PD (70)
Max. power dissipation @ Tamb = 70
°C
1.1
W
PD(85)
Max. power dissipation @ Tamb = 85
°C
0.9
W
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal resistance Junction to Ambient
Typ.
60
°C/W
STLC3080
2/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com