Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3080 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STLC3080
Description  SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3080 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STLC3080 Datasheet HTML 8Page - STMicroelectronics STLC3080 Datasheet HTML 9Page - STMicroelectronics STLC3080 Datasheet HTML 10Page - STMicroelectronics STLC3080 Datasheet HTML 11Page - STMicroelectronics STLC3080 Datasheet HTML 12Page - STMicroelectronics STLC3080 Datasheet HTML 13Page - STMicroelectronics STLC3080 Datasheet HTML 14Page - STMicroelectronics STLC3080 Datasheet HTML 15Page - STMicroelectronics STLC3080 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Fig.
Ilact
Feed current ACTIVE
ACTIVE NP, RP
Rloop = 1900
Ω RDC = 1.5kΩ
18
20
mA
Ilsby
Feed current STBY
STY, Rloop = 2.2K
Ω
RDC = 1.5k
Ω
13
mA
ITIP
Tip leackage current
Ground Start
1
µA
IGS
Ring Lead Current
Ground Start Ring to GND
33
mA
IDA
Reference current sourced
by TTX IN pin for Voltage
Drop programming
VTTX = 0V
-70
-60
-45
µA
DETECTORS
Idet
Off-hook current threshold
ST-BY, ACTIVE
Rel. to progr. val. 7 to 11mA
-10
+10
%
Rel. to progr. val. 3 to 6mA
-20
+20
%
Idet H.I.
Off-Hook current threshold
H.I. feeding
5
8
mA
Hys
Off/On hook hyst.
ST-BY, ACTIVE
15% Idet
mA
Td
Dialling distortion
ACTIVE
-1
+1
ms
ILL
Ground Key Current
threshold
ILL =IB -IA
TIP to RING to GND or
RING to GND
7.5
mA
Igst
Ground Start detection
threshold
Igst = 2
⋅ Idet
GROUND START
-10
+10
%
DIGITAL INTERFACE
INPUTS: D0, D1, D2, R0, R1, CSIN, CSOUT
Vih
Input high voltage
VDD = 3.3V
2
V
Vil
Input low voltage
VDD = 3.3V
0.8
V
Iih
Input high current
30
µA
Iil
Input low current
10
µA
OUTPUTS: DET, GDK /AL
Vol
Output low voltage
Iol = 0.5mA; CSOUT = LOW
0.45
V
Voh
Output high voltage
Ioh = 0.1mA; CSOUT =
LOW
2.4
V
IOZ
Tri-State Output Current
CSOUT = High
-10
+10
µA
OUTPUTS: RELR, REL0, REL1
Ird
Current capability
40
mA
Vr
Output voltage
Ird = 40mA
0.6
V
Ird = 70mA
1.1
V
Iik
Off leakage current
3
µA
POWER SUPPLY REJECTION
PSRRC
VCC to 2W port
Vripple = 0.1Vrms
50 to 4000Hz
27
dB
C9
PSRRB
Vbat to 2W port
Vripple = 0.1Vrms
50 to 4000Hz
30
dB
C9
POWER CONSUMPTION
ICC
VCC supply current
H. I. Feeding On-Hook
From 0 to 70
°C
From -40 to 85
°C
1.0
1.5
mA
mA
SBY On-Hook
From 0 to 70
°C
From -40 to 85
°C
3.5
4
mA
mA
Active On-Hook
From 0 to 70
°C
From -40 to 85
°C
5.0
5.5
mA
mA
Power Down
From 0 to 70
°C
From -40 to 85
°C
1.0
1.5
mA
mA
ELECTRICAL CHARACTERISTICS (continued)
STLC3080
12/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com