Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3080 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLC3080
Description  SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3080 Datasheet(HTML) 4 Page - STMicroelectronics

  STLC3080 Datasheet HTML 1Page - STMicroelectronics STLC3080 Datasheet HTML 2Page - STMicroelectronics STLC3080 Datasheet HTML 3Page - STMicroelectronics STLC3080 Datasheet HTML 4Page - STMicroelectronics STLC3080 Datasheet HTML 5Page - STMicroelectronics STLC3080 Datasheet HTML 6Page - STMicroelectronics STLC3080 Datasheet HTML 7Page - STMicroelectronics STLC3080 Datasheet HTML 8Page - STMicroelectronics STLC3080 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
A parallel interface allow to control the operation
of STLC3080 through a control bus:
- D0 D1 D2 latched input bits defining the Slic
operation mode
- R0 R1 latched input bits (active High) drive the
test relays.
- DET and GDK/AL , tri-state outputs, signal the
status of the loop: On/Off-Hook and Ground-Key.
Pin GDK/AL goes low also when the device
thermal protection is activated or a line fault (Tip to
Ring, Tip and/or Ring to Ground or VBAT) is
detected(flowing current
≥ 7.5mA).
-CSIN: chip select for input bits, active Low,
strobes the data present on the control bus into
the internal latch.
- CSOUT: chip select for output bits ; active Low ,
when high DET and GDK/AL goes tri-state.
D0 D1 D2 R0 R1 CSIN and CSOUT inputs are
provided with a 15
µA pull-down current to prevent
uncontrolled conditions in case the control bus
goes floating.
According to the above table, 8 operating modes
can be set:
1) Power-Down.
2) Stand-By.
3) Active N.P.
4) Active R.P.
5) Ringing (with SLIC Active N.P.).
6) Ringing (with SLIC Active R.P.).
7) Ground start.
8) High Impedance Feeding.
Power-Down
It’s an idle state characterised by a very low
power consumption; any functionality is disabled;
only
relays Rel0 and Rel1 can be
driven by
proper setting of bits R0 and R1.
It can be set during out of service periods just to
reduce the power consumption.
It is worth noticing that two other conditions can
set the Slic in idle state but with some differences
as reported in the table:
Idle State
Rel0/1 Drive
DET
GDK/AL
Power Down
Enable
Disable
Disable
Reset
Disable
Disable
Disable
Thermal
Alarm
Enable
Low
Low
Stand-By.
Mode selected in On-Hook condition when high
immunity to common mode currents is needed for
the DET bit.
To reduce the current consumption, AC feedback
loop is disabled and only DET and GDK/AL de-
tectors are active.
DC current is limited at 16mA (not programma-
ble); feeding characteristic shown in fig. a.
The voltage drop in on-hook condition is 7.8V.
Active
Mode selected to allow voice signal transmission.
When in ACTIVE mode the voltage drop in on-
hook condition is 7.8V in order to allow proper on-
hook transmission (Fig. b).
CONTROL INTERFACE
Slave mode (MODE=Low).
INPUTS
OPERATING MODE
OUTPUTS
R0
R1
D0
D1
D2
DET
(Active Low)
GDK/AL
(Active Low)
X
X
X
X
X
X
X
X
0/1
X
X
X
X
X
X
X
X
X
X
0/1
0
0
0
0
1
1
1
1
X
X
0
0
1
1
0
0
1
1
X
X
0
1
0
1
0
1
0
1
X
X
Power down
Stand-by
Active N.P.
Active R.P.
Ringing (with SLIC Active N.P.)
Ringing (with SLIC Active R.P.)
Ground start
High Impedance Feeding
Rel 0 (on = 1, off = 0)
Rel 1 (on = 1, off = 0)
disable
off/hk
off/hk
off/hk
ring/trip
ring/trip
off/hk
off/hk
def by D0-D2
def by D0-D2
disable
gnd-key
gnd-key
gnd-key
disable
disable
gnd-key
disable
def by D0-D2
def by D0-D2
16mA
RFEED =2RP
D98TL307
VBAT -7.8V
I
V
Figure a: STLC3080 DC Characteristic in
Stand-By Mode.
STLC3080
4/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com