Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3080 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STLC3080
Description  SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3080 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STLC3080 Datasheet HTML 13Page - STMicroelectronics STLC3080 Datasheet HTML 14Page - STMicroelectronics STLC3080 Datasheet HTML 15Page - STMicroelectronics STLC3080 Datasheet HTML 16Page - STMicroelectronics STLC3080 Datasheet HTML 17Page - STMicroelectronics STLC3080 Datasheet HTML 18Page - STMicroelectronics STLC3080 Datasheet HTML 19Page - STMicroelectronics STLC3080 Datasheet HTML 20Page - STMicroelectronics STLC3080 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Figure B2. Rfeed allowed values vs. Ilim (Vbat = -54V).
Figure B3. Rfeed allowed values vs. Ilim (Vbat = -60V).
EXAMPLE:
Considering the following parameters:
Vbat = -48V, max Tamb = 70
°C, Ilim = 25mA,
Qext able to dissipate 1W, the possible values of
Rfeed can be found in fig. 1 and are limited by the
b2 curve (upper limit) and the a1 curve (lower
limit).
In particular considering the Ilim = 25mA the
Rfeed allowed range will be:
500
Ω < Rfeed < 1700Ω
STLC3080
17/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com