Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3080 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STLC3080
Description  SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3080 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STLC3080 Datasheet HTML 15Page - STMicroelectronics STLC3080 Datasheet HTML 16Page - STMicroelectronics STLC3080 Datasheet HTML 17Page - STMicroelectronics STLC3080 Datasheet HTML 18Page - STMicroelectronics STLC3080 Datasheet HTML 19Page - STMicroelectronics STLC3080 Datasheet HTML 20Page - STMicroelectronics STLC3080 Datasheet HTML 21Page - STMicroelectronics STLC3080 Datasheet HTML 22Page - STMicroelectronics STLC3080 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
RS1 must be connected to the positive RR; RR
should be connected directly to the ringing gener-
ator as it is in the figure. The ratio between RS1
and RR must be chosen considering that there is
an offset current in the input stage equal to
7.5
µA. This offset has been introduced to take in
account the leackage current of the line.
In fig.D2 is shown the relation between the CRT
charging current ICRT and the line current ILINE.In
the range -30
µA<ICRT<+30µA ICRT is propor-
tional to ILINE while it remains limited to
±30µA
for higher value of ILINE. Consequently, in case of
short loops, the ring-trip detection time is inde-
pendent on the loop resistance, as the CRT
charging is performed at a fixed current. In case
of long loops the detection time will increase as
the ICRT decreases proportionally to the loop re-
sistance.
ICRT
ILINE
-30uA
+30uA
ILINEth=7.5mA(typ)
ILINEth=IthRS1/RR
(if RR=600
Ω and RS1=RS2=600KΩ)
Figure D2. relation between Icrt and Iline.
Vring=60Vrms @ f=25Hz
VB=-48Volt
DET
RING
wire
CRT
OFF_HOOK
RING-TRIP DETECTION
Figure D3. Ring Trip detection signals.
STLC3080
21/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com