Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3080 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STLC3080
Description  SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3080 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STLC3080 Datasheet HTML 9Page - STMicroelectronics STLC3080 Datasheet HTML 10Page - STMicroelectronics STLC3080 Datasheet HTML 11Page - STMicroelectronics STLC3080 Datasheet HTML 12Page - STMicroelectronics STLC3080 Datasheet HTML 13Page - STMicroelectronics STLC3080 Datasheet HTML 14Page - STMicroelectronics STLC3080 Datasheet HTML 15Page - STMicroelectronics STLC3080 Datasheet HTML 16Page - STMicroelectronics STLC3080 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Note: All measurements are performed with 100pF on outputs pin and with TTL compatible voltage levels.
RS 2.5K
Ω
ZAC
12.5K
Ω
ZA
15K
Ω
ZB
15K
Ω
CCOMP
220pF
TX
RS
ZAC
ZB
TX
CONTROL
INTERFACE
D0
D1
D2
R0
R1
VCC
AGND
BGND
REL1
CAC
RDC
10
µF
CRT
CRT
470nF
IREF
REF
30.1K
Ω
TIP
RPT1 20
Ω
LCP
1511
RPR1 20
Ω
RPT2 30
Ω
RPR2 30
Ω
RING
LA
VREL
LB
VB-
VREG
BASE
CREV
CREV
47nF
VB-
VRING
RR
600
Ω
D98TL313F
CSVR
STLC3080
D0
D1
D2
R0
R1
DET
DET
CSIN
CSIN
ILTF
RDC
1.5K
Ω
RLIM
RLIM
51.1K
Ω
RTH
RTH
26.1K
Ω
CSVR
100nF
RS2 600K
Ω
RT2
RS1 600K
Ω
RT1
RT
RELR
REL0
V
CC
VDD
RGND
V
DD
CH
220pF
VBAT
D1
1N4448
ZAC1
RX
RX
VB-
CSOUT
CSOUT
TTXIN
TTX
RDA
10K
RTTX
3.75K
CTTX
1
µF
CAC
+
RES
RES
CKRING
CKRING
PCD
MODE
MODE
GDK/AL
GDK/AL
Figure 4. Test Circuit.
LOGIC INTERFACE INPUT TIMING
Min.
Max
t1
100ns
t2
100ns
t3
250ns
t4
100ns
t5
100ns
t6
250ns
t3
t1
t2
CSIN
D0.1.2,R0.1
D98TL312
CSOUT
DET, GDK
t6
t4
t5
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Fig.
IBAT
VBAT supply current
H. I. Feeding On-Hook
From 0 to 70
°C
From -40 to 85
°C
0.5
1.0
mA
mA
SBY On-Hook
From 0 to 70
°C
From -40 to 85
°C
2.5
3.5
mA
mA
Active On-Hook
From 0 to 70
°C
From -40 to 85
°C
4.0
5.0
mA
mA
Power Down
From 0 to 70
°C
From -40 to 85
°C
1.0
1.5
mA
mA
IDD
VDD Supply Current
Any operating mode
100
µA
ELECTRICAL CHARACTERISTICS (continued)
STLC3080
13/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com