Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3080 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STLC3080
Description  SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3080 Datasheet(HTML) 3 Page - STMicroelectronics

  STLC3080 Datasheet HTML 1Page - STMicroelectronics STLC3080 Datasheet HTML 2Page - STMicroelectronics STLC3080 Datasheet HTML 3Page - STMicroelectronics STLC3080 Datasheet HTML 4Page - STMicroelectronics STLC3080 Datasheet HTML 5Page - STMicroelectronics STLC3080 Datasheet HTML 6Page - STMicroelectronics STLC3080 Datasheet HTML 7Page - STMicroelectronics STLC3080 Datasheet HTML 8Page - STMicroelectronics STLC3080 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
PIN DESCRIPTION
Pins
Name
Description
1
CSOUT
Chip-Select for output control bits DET and GDK . Active Low. (*)
2
CSIN
Chip-Select for input control bits latches D0 D1 D2 R0 R1 . Active Low. (*)
3
D0
Control Interface input bit 0. (*)
4
D1
Control Interface input bit 1. (*)
5
D2
Control Interface input bit 2. (*)
6
R0
Relay driver 0 command. Active High. (*)
7
R1
Relay driver 1 command. Active High. (*)
8
RES
Reset Input; active low.
9VDD
Control interface Power Supply. VDD = 3.3V or VDD =VCC.
10
VCC
Positive Power Supply (+5V).
11
CRT
Ring-Trip time constant capacitor.
12
REL1
Relay 1 driver output.
13
REL0
Relay 0 driver output.
14
RELR
Ringer Relay driver output.
15
RGND
Relay drivers ground.
16
VBAT
Negative Battery Supply.
17
TX
4 wires output stage (Transmitting Port).
18
ZB
Cancelling input of Balance Network for 2 to 4 wires conversion.
19
RS
Protection resistors image. The image resistor is connected between this node and ZAC.
20
ZAC
AC impedance synthesis.
21
ZAC1
RX buffer output/ AC impedance is connected between this node and ZAC.
22
RX
4 wires input stage (Receiving Port). A 100K external resistor must be connected to AGND to
bias the input stage.
23
TTXIN
Metering Signal Input (AC) and Line Voltage Drop Programming (DC). If not used must be connectd
to AGND.
24
CAC
AC feedback input/ AC-DC split capacitor is connected between this node and ILTF.
25
RDC
DC current feedback input. The RDC resistor is connected between this node and ILTF.
26
ILTF
Transversal Line Current Image.
27
RT2
Input pin to sense ringing current , for Ring-Trip detection.
28
RT1
Input pin to sense ringing current , for Ring-Trip detection.
29
AGND
Analog ground.
30
RTH
Off-Hook threshold programming pin.
31
RLIM
Limiting current programming pin.
32
IREF
Voltage reference output to generate internal reference current.
33
CREV
Reverse polarity transition time programming.
34
CSVR
Battery supply filter capacitor.
35
BASE
Driver of the external transistor. Connected to the base.
36
VREG
Regulated voltage. Provides the negative supply to the power line drivers. It is connected to the
emitter of the external transistor.
37
BGND
Battery ground.
38
RING
B wire termination output. IB is the current sunk into this pin.
39
TIP
A wire termination output. IA is the current sourced from this pin.
40
PCD
Power Cross Detection Input
41
MODE
Interface Control Mode selection.
42
CKRING
Clock at ringing frequency for relay synch and time reference for Automatic activation
43
DET
Off-hook and Ring-Trip detection bit. Tri-State Output/Active Low.
44
GDK/ AL
Ground-Key/Alarm detection bit. Tri-State Output. Active Low.
* Input pins provided with 15
µA sink to AGND pull-down.
STLC3080
3/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com