Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBL386652 Datasheet (PDF) - Ericsson

PBL386652 Datasheet PDF - Ericsson
Part # PBL386652
Download  PBL386652 Download
File Size   184.11 Kbytes
Page   18 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description Subscriber Line Interface Circuit

PBL386652 Datasheet (PDF)

Go To PDF Page Download Datasheet
PBL386652 Datasheet PDF - Ericsson

Part # PBL386652
Download  PBL386652 Click to download

File Size   184.11 Kbytes
Page   18 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description Subscriber Line Interface Circuit

PBL386652 Datasheet (HTML) - Ericsson


PBL386652 Product details

Description
The PBL 386 65/2 Subscriber Line Interface Circuit (SLIC) is a 90 V bipolar integrated circuit for use in DLC, Central Office and other telecommunications equipment. The PBL 386 65/2 has been optimized for low total line interface cost and a high degree of flexibility in different applications.

Key Features
• Selectable overhead voltage principle
    – All adaptive: The overhead voltage follows 0.6 PeakV < signals < 6.2VPeak.
    – Semi adaptive: The overhead voltage follows 3.1V Peak < signals < 6.2VPeak.
• Metering 2.2 Vrms
• High and low battery with automatic switching
• Battery supply as low as -10 V
• Only +5 V in addition to GND and battery (VEE optional)
• 39 mW on-hook power dissipation in active state
• Long loop battery feed tracks VBat for maximum line voltage
• 44V open loop voltage @ -48V battery feed
• Constant loop voltage for line leakage <5 mA
• On-hook transmission
• Full longitudinal current capability during on-hook
• Programmable loop & ring-trip detector threshold
• Ground key detector
• Analog temperature guard
• Tip open state with ring ground detector
• Silent polarity reversal
• Line voltage measurement
• -40° C to +85° C ambient temperature range




Similar Part No. - PBL386652

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38661-2 ERICSSON-PBL38661-2 Datasheet
115Kb / 18P
Subscriber Line Interface Circuit
PBL386612 ERICSSON-PBL386612 Datasheet
115Kb / 18P
Subscriber Line Interface Circuit
PBL386612QNS ERICSSON-PBL386612QNS Datasheet
115Kb / 18P
Subscriber Line Interface Circuit
PBL386612QNT ERICSSON-PBL386612QNT Datasheet
115Kb / 18P
Subscriber Line Interface Circuit
More results


Similar Description - PBL386652

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
SUBSCRIBER LINE INTERFACE CIRCUIT
Dec-1997
STLC3080 STMICROELECTRONICS-STLC3080 Datasheet
201Kb / 23P
SUBSCRIBER LINE INTERFACE CIRCUIT
Dec-1999
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
Subscriber Line Interface Circuit
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com