Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA600 Datasheet (PDF) - Actel Corporation

APA600 Datasheet PDF - Actel Corporation
Part # APA600
Download  APA600 Download
File Size   352.96 Kbytes
Page   10 Pages
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation
Description ProASICPLUS Flash Family FPGAs

APA600 Datasheet (PDF)

Go To PDF Page Download Datasheet
APA600 Datasheet PDF - Actel Corporation

Part # APA600
Download  APA600 Click to download

File Size   352.96 Kbytes
Page   10 Pages
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation
Description ProASICPLUS Flash Family FPGAs

APA600 Datasheet (HTML) - Actel Corporation


APA600 Product details

Device Family Overview

The ProASICPLUS family of devices, Actel’s second generation family of flash FPGAs, offers enhanced performance over Actel’s ProASIC family. It combines the advantages of ASICs with the benefits of programmable devices through nonvolatile flash technology.



Features and Benefits

High Capacity

Commercial and Industrial

• 75,000 to 1 Million System Gates

• 27 K to 198 Kbits of Two-Port SRAM

• 66 to 712 User I/Os


Military

• 300, 000 to 1 Million System Gates

• 72 K to 198 Kbits of Two Port SRAM

• 158 to 712 User I/Os



Reprogrammable Flash Technology

• 0.22 µm 4 LM Flash-Based CMOS Process

• Live At Power-Up (LAPU) Level 0 Support

• Single-Chip Solution

• No Configuration Device Required

• Retains Programmed Design during Power-Down/Up Cycles

• Mil/Aero Devices Operate over Full Military Temperature Range



Performance

• 3.3 V, 32-Bit PCI, up to 50 MHz (33 MHz over military temperature)

• Two Integrated PLLs

• External System Performance up to 150 MHz



Secure Programming

• The Industry’s Most Effective Security Key (FlashLock®)



Low Power

• Low Impedance Flash Switches

• Segmented Hierarchical Routing Structure

• Small, Efficient, Configurable (Combinatorial or Sequential) Logic Cells



High Performance Routing Hierarchy

• Ultra-Fast Local and Long-Line Network

• High-Speed Very Long-Line Network

• High-Performance, Low Skew, Splittable Global Network

• 100% Routability and Utilization



I/O

• Schmitt-Trigger Option on Every Input

• 2.5 V / 3.3 V Support with Individually-Selectable Voltage and Slew Rate

• Bidirectional Global I/Os

• Compliance with PCI Specification Revision 2.2

• Boundary-Scan Test IEEE Std. 1149.1 (JTAG) Compliant

• Pin-Compatible Packages across the ProASICPLUS Family



Unique Clock Conditioning Circuitry

• PLL with Flexible Phase, Multiply/Divide, and Delay Capabilities

• Internal and/or External Dynamic PLL Configuration

• Two LVPECL Differential Pairs for Clock or Data Inputs



Standard FPGA and ASIC Design Flow

• Flexibility with Choice of Industry-Standard Front-End Tools

• Efficient Design through Front-End Timing and Gate Optimization



ISP Support

• In-System Programming (ISP) via JTAG Port



SRAMs and FIFOs

• SmartGen Netlist Generation Ensures Optimal Usage of Embedded Memory Blocks

• 24 SRAM and FIFO Configurations with Synchronous and Asynchronous Operation up to 150 MHz (typical)



 




Similar Part No. - APA600

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA600 ACTEL-APA600 Datasheet
1Mb / 174P
Ultra-Fast Local and Long-Line Network
APA600 ACTEL-APA600 Datasheet
4Mb / 178P
ProASICPLUS짰 Flash Family FPGAs
logo
Microsemi Corporation
APA600 MICROSEMI-APA600 Datasheet
1Mb / 174P
ProASICPLUS Flash Family FPGAs
APA600 MICROSEMI-APA600 Datasheet
4Mb / 178P
ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
APA600 ACTEL-APA600 Datasheet
352Kb / 10P
ProASICPLUS짰 Flash Family FPGAs
More results


Similar Description - APA600

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A3PE3000-1FGG896I ACTEL-A3PE3000-1FGG896I Datasheet
4Mb / 152P
ProASIC3E Flash Family FPGAs
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
ProASIC3 Flash Family FPGAs
APA150-FG144I ACTEL-APA150-FG144I Datasheet
4Mb / 178P
ProASICPLUS짰 Flash Family FPGAs
APA075-PQG208 ACTEL-APA075-PQG208 Datasheet
4Mb / 178P
ProASIC Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
ProASIC3 Flash Family FPGAs
APA300-PQG208M MICROSEMI-APA300-PQG208M Datasheet
1Mb / 174P
ProASICPLUS Flash Family FPGAs
APA600-PQ208I MICROSEMI-APA600-PQ208I Datasheet
4Mb / 178P
ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
APA450-BGG456 ACTEL-APA450-BGG456 Datasheet
352Kb / 10P
ProASICPLUS Flash Family FPGAs
APA300-PQ208A ACTEL-APA300-PQ208A Datasheet
352Kb / 10P
ProASIC Flash Family FPGAs
APA1000-BG456I ACTEL-APA1000-BG456I Datasheet
352Kb / 10P
ProASICPLUS Flash Family FPGAs
More results




About Actel Corporation


Actel Corporation was a semiconductor company that specialized in designing and manufacturing low-power, high-performance field-programmable gate arrays (FPGAs). The company was founded in 1985 and was headquartered in Mountain View, California, USA.

Actel's FPGAs were used in a variety of applications, including aerospace and defense, automotive, communications, industrial automation, and medical devices. The company's products were known for their low power consumption, high reliability, and security features, which made them well-suited for use in mission-critical applications.

In 2010, Actel Corporation was acquired by Microsemi Corporation, which is now a subsidiary of Microchip Technology. Today, Microchip Technology continues to offer Actel's FPGA products under the SmartFusion brand name.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com