Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA600 Datasheet(PDF) 2 Page - Actel Corporation

Part # APA600
Description  ProASICPLUS Flash Family FPGAs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA600 Datasheet(HTML) 2 Page - Actel Corporation

  APA600 Datasheet HTML 1Page - Actel Corporation APA600 Datasheet HTML 2Page - Actel Corporation APA600 Datasheet HTML 3Page - Actel Corporation APA600 Datasheet HTML 4Page - Actel Corporation APA600 Datasheet HTML 5Page - Actel Corporation APA600 Datasheet HTML 6Page - Actel Corporation APA600 Datasheet HTML 7Page - Actel Corporation APA600 Datasheet HTML 8Page - Actel Corporation APA600 Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ProASICPLUS Flash Family FPGAs
ii
v5.9
Ordering Information
APA1000
FG
_
Part Number
Speed Grade
Blank = Standard Speed
Package Type
PQ = Plastic Quad Flat Pack (0.5 mm pitch)
TQ = Thin Quad Flat Pack (0.5 mm pitch)
FG
= Fine Pitch Ball Grid Array (1.0 mm pitch)
BG = Plastic Ball Grid Array (1.27 mm pitch)
CQ = Ceramic Quad Flat Pack (1.05 mm pitch)
CG = Ceramic Column Grid Array (1.27 mm pitch)
LG
= Land Grid Array (1.27 mm pitch)
1152
I
Package Lead Count
Application (Ambient Temperature Range)
G
Lead-free packaging
Blank = Standard Packaging
G = RoHS Compliant Packaging
Blank = Commercial (0°C to +70°C)
I = Industrial (–40°C to +85°C)
PP = Pre-production
ES = Engineering Silicon (room temperature only)
M = Military (–55°C to 125°C)
B = MIL-STD-883 Class B
150,000 Equivalent System Gates
APA150 =
75,000 Equivalent System Gates
APA075 =
APA300
300,000 Equivalent System Gates
=
APA450
450,000 Equivalent System Gates
=
APA600
600,000 Equivalent System Gates
=
APA750
750,000 Equivalent System Gates
=
APA1000
1,000,000 Equivalent System Gates
=



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com