Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5035-T Datasheet (PDF) - ams AG

AS5035-T Datasheet PDF - ams AG
Part # AS5035-T
Download  AS5035-T Download
File Size   870.46 Kbytes
Page   18 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER

AS5035-T Datasheet (PDF)

Go To PDF Page Download Datasheet
AS5035-T Datasheet PDF - ams AG

Part # AS5035-T
Download  AS5035-T Click to download

File Size   870.46 Kbytes
Page   18 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER

AS5035-T Datasheet (HTML) - ams AG


AS5035-T Product details

General Description
The AS5035 is a magnetic incremental encoder with 64 quadrature pulses per revolution (8-bit resolution) and index output.

Key Features
- Full turn (360°) contactless angular position encoder
- 2 quadrature A/B outputs with 64 pulses per revolution (ppr), 256 edges per revolution, 1.4° per step
- Index output (one pulse per revolution)
- Accurate user programmable zero position (0.35°)
- Failure detection mode for magnet placement monitoring and loss of power supply
- Wide temperature range: - 40°C to + 125°C
- Small lead-free package: SSOP 16 (5.3mm x 6.2mm)

Benefits
- Complete system-on-chip, including analog front end and digital signal processing
- 2-channel quadrature and index outputs provide an alternative to optical encoders
- User programmable Zero positioning by OTP allows easy assembly of magnet
- Diagnostic features for operation safety
- Ideal for applications in harsh environments due to magnetic sensing principle
- Robust system, tolerant to magnet misalignment, air gap variations, temperature variations and external magnetic stray fields
- No calibration required

Applications
Industrial applications:
    - Robotics
    - Replacement of optical encoders
    - Flow meters
    - Man-machine interface
Automotive applications:
    - Power seat position sensing
    - Power mirror position sensing




Similar Part No. - AS5035-T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5035 AMSCO-AS5035 Datasheet
58Kb / 1P
8-bit (64 PPR) INCREMENTAL MAGNETIC ROTARY ENCODER
AS5035 AMSCO-AS5035 Datasheet
432Kb / 17P
PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
AS5035 AMSCO-AS5035 Datasheet
870Kb / 18P
PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
AS5035TR AMSCO-AS5035TR Datasheet
432Kb / 17P
PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
AS5035 AMSCO-AS5035_08 Datasheet
870Kb / 18P
PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
More results


Similar Description - AS5035-T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5035 AMSCO-AS5035 Datasheet
58Kb / 1P
8-bit (64 PPR) INCREMENTAL MAGNETIC ROTARY ENCODER
AS5035 AMSCO-AS5035_1 Datasheet
432Kb / 17P
PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
AS5035 AMSCO-AS5035_08 Datasheet
870Kb / 18P
PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
logo
Pepperl+Fuchs Inc.
20-2952 PF-20-2952 Datasheet
179Kb / 3P
Incremental rotary encoder
ENI58IL-H PF-ENI58IL-H Datasheet
1Mb / 7P
Incremental rotary encoder
THI40P-1CAK2R6TN-01024 PF-THI40P-1CAK2R6TN-01024 Datasheet
230Kb / 3P
Incremental rotary encoder
TVI58N-01NKYR6TN-01000 PF-TVI58N-01NKYR6TN-01000 Datasheet
275Kb / 4P
Incremental rotary encoder
MNI20N PF-MNI20N Datasheet
680Kb / 5P
Incremental rotary encoder
MNI40N PF-MNI40N Datasheet
748Kb / 5P
Incremental rotary encoder
TSI40N PF-TSI40N Datasheet
278Kb / 3P
Incremental rotary encoder
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com