Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5035-T Datasheet(PDF) 7 Page - ams AG

Part # AS5035-T
Description  PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5035-T Datasheet(HTML) 7 Page - ams AG

Back Button AS5035-T Datasheet HTML 3Page - ams AG AS5035-T Datasheet HTML 4Page - ams AG AS5035-T Datasheet HTML 5Page - ams AG AS5035-T Datasheet HTML 6Page - ams AG AS5035-T Datasheet HTML 7Page - ams AG AS5035-T Datasheet HTML 8Page - ams AG AS5035-T Datasheet HTML 9Page - ams AG AS5035-T Datasheet HTML 10Page - ams AG AS5035-T Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AS5035 – 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
Revision 1.5
www.austriamicrosystems.com
Page 6 of 17
7.1
OTP Programming Timing
OTP programming requires access to the factory settings
register of the AS5035. Improper or accidental modification
of the factory settings may render the chip unusable.
Therefore the Zero Position and CCW programming is
recommended only with austriamicrosystems proprietary
hardware and software.
Note: During the programming process, the transitions in
the programming current may cause high voltage spikes
generated by the inductance of the connection cable. To
avoid these spikes and possible damage to the IC, the
connection wires, especially the signals Prog and VSS
must be kept as short as possible. The maximum wire
length between the VPROG switching transistor and pin Prog
(see Figure 6) should not exceed 50mm (2 inches). To
suppress eventual voltage spikes, a 10nF ceramic
capacitor should be connected close to pins Prog and VSS.
This capacitor is only required for programming, it is not
required for normal operation.
The clock timing tclk must be selected at a proper rate to
ensure that the signal Prog is stable at the rising edge of
CLK (see Figure 7). Additionally, the programming supply
voltage should be buffered with a 10µF capacitor mounted
close to the switching transistor. This capacitor aids in
providing peak currents during programming.
The specified programming voltage at pin Prog is 7.3 –
7.5V (see section 12.8). To compensate for the voltage
drop across the VPROG switching transistor, the applied
programming voltage may be set slightly higher (7.5 -
8.0V).
7.1.1
CCW Bit Programming
The absolute angular output value, by default, increases
with clockwise rotation of the magnet (top view). Setting
the CCW-bit (see Figure 7) allows for reversing the
indicated direction, e.g. when the magnet is placed
underneath the IC:
CCW = 0 – angular value increases clockwise;
CCW = 1 – angular value increases counterclockwise.
Note: Further information on the required hardware and
software for Zero Position programming of the AS5035 can
be
found
in
the
“AS5035”
section
of
the
austriamicrosystems website:
http:www.austriamicrosystems.com
( Rotary Encoders AS5035)
Figure 7: Programming access – write data (first section of Figure 8)
Figure 8: Complete programming sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com