Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5035-T Datasheet(PDF) 14 Page - ams AG

Part # AS5035-T
Description  PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5035-T Datasheet(HTML) 14 Page - ams AG

Back Button AS5035-T Datasheet HTML 10Page - ams AG AS5035-T Datasheet HTML 11Page - ams AG AS5035-T Datasheet HTML 12Page - ams AG AS5035-T Datasheet HTML 13Page - ams AG AS5035-T Datasheet HTML 14Page - ams AG AS5035-T Datasheet HTML 15Page - ams AG AS5035-T Datasheet HTML 16Page - ams AG AS5035-T Datasheet HTML 17Page - ams AG AS5035-T Datasheet HTML 18Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
AS5035 – 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
Revision 1.5
www.austriamicrosystems.com
Page 13 of 17
12.6 Timing Characteristics
Parameter
Symbol
Min
Typ
Max
Unit Note
Power-up time
tPwrUp
50
ms
until internal offset compensation is finished
500
ns
if CSn is high during power up:
= Time after tPwrUp from first falling edge of CSn to
valid incremental outputs.
Incremental outputs valid after power-up t
Incremental
outputs valid
If CSn is low during power up:
Incremental outputs are valid as soon as tPwrUp is
expired
System propagation delay
192
µs
Calculation over two samples
Sampling rate
fS
9.5
10
10.5
kHz
Internal sampling rate
12.7 Incremental Output Signal Tolerances
See Table 3 on page 9
12.8 Programming Conditions
(operating conditions: Tamb = -40 to +125°C, VDD5V = 3.0-3.6V (3V operation) VDD5V = 4.5-5.5V (5V operation) unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Programming enable time
t Prog enable
2
µs
Time between rising edge at Prog
pin and rising edge of CSn
Write data start
t Data in
2
µs
Write data valid
t Data in valid
250
ns
Write data at the rising edge of
CLKPROG
Load programming data
t Load PROG
3
µs
Rise time of VPROG before CLK PROG
t PrgR
0
µs
Hold time of VPROG after CLK PROG
t PrgH
0
5
µs
Write data – programming CLK PROG
CLK PROG
250
kHz
CLK pulse width
t PROG
1.8
2
2.2
µs
During programming; 16 clock cycles
Hold time of Vprog after
programming
t PROG
finished
2
µs
Programmed data is available after
next power-on
Programming voltage
V PROG
7.3
7.4
7.5
V
Must be switched off after zapping
Programming voltage off level
V ProgOff
0
1
V
Line must be discharged to this level
Programming current
I PROG
130
mA
During programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com